Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM355 Datasheet(PDF) 123 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 123 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 119Page - Texas Instruments TMS320DM355 Datasheet HTML 120Page - Texas Instruments TMS320DM355 Datasheet HTML 121Page - Texas Instruments TMS320DM355 Datasheet HTML 122Page - Texas Instruments TMS320DM355 Datasheet HTML 123Page - Texas Instruments TMS320DM355 Datasheet HTML 124Page - Texas Instruments TMS320DM355 Datasheet HTML 125Page - Texas Instruments TMS320DM355 Datasheet HTML 126Page - Texas Instruments TMS320DM355 Datasheet HTML 127Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 158 page
background image
www.ti.com
VCLKIN(A)
(Positive Edge Clocking)
9
VCLKIN(A)
(Negative Edge Clocking)
10
VCTL(B)
A. VCLKIN=PCLKorEXTCLK
B. VCTL=HSYNC,VSYNC,andFIELD
VCLKIN(A)
(Positive Edge Clocking)
13
VCLKIN(A)
(Negative Edge Clocking)
11
VCTL(B)
A. VCLKIN=PCLKorEXTCLK
B. VCTL=HSYNC,VSYNC,FIELD,andLCD_OE
C. VDATA=COUT[7:0],YOUT[7:0],R[7:3],G[7:2],andB[7:3]
VDATA(C)
14
12
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463B – SEPTEMBER 2007 – REVISED OCTOBER 2007
Figure 5-28. VPBE Input Timing With Respect to PCLK and EXTCLK
Table 5-23. Switching Characteristics Over Recommended Operating Conditions for VPBE Control and
Data Output With Respect to PCLK and EXTCLK(1)(2)(3) (see Figure 5-29)
DM355
NO.
PARAMETER
UNIT
MIN
MAX
11
td(VCLKIN-VCTLV)
Delay time, VCLKIN edge to VCTL valid
13.3
ns
12
td(VCLKIN-VCTLIV)
Delay time, VCLKIN edge to VCTL invalid
2
ns
13
td(VCLKIN-VDATAV)
Delay time, VCLKIN edge to VDATA valid
13.3
ns
14
td(VCLKIN-VDATAIV)
Delay time, VCLKIN edge to VDATA invalid
2
ns
(1)
The VPBE may be configured to operate in either positive or negative edge clocking mode. When in positive edge clocking mode, the
rising edge of VCLKIN is referenced. When in negative edge clocking mode, the falling edge of VCLKIN is referenced.
(2)
VCLKIN = PCLK or EXTCLK
(3)
VCTL = HSYNC, VSYNC, FIELD, and LCD_OE
Figure 5-29. VPBE Control and Data Output With Respect to PCLK and EXTCLK
Submit Documentation Feedback
DM355 Peripheral Information and Electrical Specifications
123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com