Electronic Components Datasheet Search
  English  ▼

X  

AT7601F Datasheet(PDF) 17 Page - Analog Microelectronics

Part # AT7601F
Description  Printer Port Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AT7601F Datasheet(HTML) 17 Page - Analog Microelectronics

Back Button AT7601F Datasheet HTML 13Page - Analog Microelectronics AT7601F Datasheet HTML 14Page - Analog Microelectronics AT7601F Datasheet HTML 15Page - Analog Microelectronics AT7601F Datasheet HTML 16Page - Analog Microelectronics AT7601F Datasheet HTML 17Page - Analog Microelectronics AT7601F Datasheet HTML 18Page - Analog Microelectronics AT7601F Datasheet HTML 19Page - Analog Microelectronics AT7601F Datasheet HTML 20Page - Analog Microelectronics AT7601F Datasheet HTML 21Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
AME, Inc.
17
AT7601F
Printer Port Controller
Rev. B.02
Mode [7:5]
Description
000
Standard Parallel Port Mode. In this mode the FIFO is reset and common collector drivers
are used on the control lines (STB#, AFD#, lNIT# and SLIN#). Setting the direction bit will
not tri-state the output drivers in this mode.
001
PS/2 Parallel Port Mode. Same as above except that direction may be used to
tri-state the data lines and reading the data register returns the value on the data lines and
not the value in the data register. All drivers have active pull-ups (push-pull).
010
Parallel Port FIFO Mode. This is the same as 000 except that bytes are written or DMAed
to the FIFO. FIFO data is automatically transmitted using the standard parallel port protocol.
Note that this mode is only useful when direction is 0. All drivers have active pull-ups (push-
pull).
011
ECP Parallel Port Mode. In the forward direction (direction is 0) bytes placed into the ECP-
DFIFO and bytes written to the ECP-AFIFO are placed in a single FIFO and transmitted
automatically to the peripheral using ECP parallel port and packed into bytes in the ECP-
DFIFO. All drivers have active pull-ups (push-pull).
100
Selects EPP Mode: In this mode, EPP is selected if the EPP supported option in selected
in configuration register L3-CRFO. All drivers have active pull-ups (push-pull).
101
Reserved
110
Test Mode. In this mode the FIFO may be written and read, but the data will not be
transmitted on the parallel port. All drivers have active pull-ups (push-pull).
111
Configuration Mode. In this mode the Cnfg-A, Cnfg-B registers are accessible at
Ox400 and Ox401. All drivers have active pull-ups (push-pull).
Table 11. Mode Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com