Electronic Components Datasheet Search
  English  ▼

X  

AT7601F Datasheet(PDF) 29 Page - Analog Microelectronics

Part # AT7601F
Description  Printer Port Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AT7601F Datasheet(HTML) 29 Page - Analog Microelectronics

Back Button AT7601F Datasheet HTML 25Page - Analog Microelectronics AT7601F Datasheet HTML 26Page - Analog Microelectronics AT7601F Datasheet HTML 27Page - Analog Microelectronics AT7601F Datasheet HTML 28Page - Analog Microelectronics AT7601F Datasheet HTML 29Page - Analog Microelectronics AT7601F Datasheet HTML 30Page - Analog Microelectronics AT7601F Datasheet HTML 31Page - Analog Microelectronics AT7601F Datasheet HTML 32Page - Analog Microelectronics AT7601F Datasheet HTML 33Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
AME, Inc.
29
AT7601F
Printer Port Controller
Rev. B.02
Limits
Min
Typ
Max
VILCK
Clock Input Low level
-0.5
0.6
V
CIHCL
Clock Input High level
3
VCC
V
VIL
Input Low level
-0.5
0.8
V
VIH
Input High level
2
VCC
V
VOL
Output Low level
0.4
V
Except
PDIR,
VOL
Output Low level
0.4
V
DB[0:7]
PDIR
IDL=4mA
IOL=20mA
VOH
Output high level
2.4
V
DB[0:7],
IOL=12mA
VOH
Output High level
2.4
V
PDIR
IOH=-1 mA
Except
PDIR,
ICC
Avg. power supply current
5
7
mA
DB[0:7]
IIL
Input leakage
10
µA
IOH=-20mA
ICL
Clock leakage
10
µA
DB[0:7],
RIN
Internal pull up/down resistances
25
50
k
Ω
IOL=-12mA
TA=0 ~70
OC, Vcc=5.0V
10% unless otherwise specified.
Table 14. DC Electrical Characteristics
Symbol
Parameter
Units
Conditions
±



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com