Electronic Components Datasheet Search
  English  ▼

X  

AT7601F Datasheet(PDF) 7 Page - Analog Microelectronics

Part # AT7601F
Description  Printer Port Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AT7601F Datasheet(HTML) 7 Page - Analog Microelectronics

Back Button AT7601F Datasheet HTML 3Page - Analog Microelectronics AT7601F Datasheet HTML 4Page - Analog Microelectronics AT7601F Datasheet HTML 5Page - Analog Microelectronics AT7601F Datasheet HTML 6Page - Analog Microelectronics AT7601F Datasheet HTML 7Page - Analog Microelectronics AT7601F Datasheet HTML 8Page - Analog Microelectronics AT7601F Datasheet HTML 9Page - Analog Microelectronics AT7601F Datasheet HTML 10Page - Analog Microelectronics AT7601F Datasheet HTML 11Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
AME, Inc.
7
AT7601F
Printer Port Controller
Rev. B.02
Bit 0 TMout: TIME OUT
The bit is valid in EPP mode only and indicates that a 10 uSec time out has occurred on the
EPP bus. A logic 0 means that no time out error has occurred; a logic 1 means that a time out error has
been detected. This bit is cleared by a RESET. Writing a one to this bit clears
the time out status bit. On a write, this bit is self clearing and does not require a write of a zero. Writing a
zero to this bit has no effect.
5-2-2 Printer Control Port
ADDRESS PORT = 02H
The Control Port is located at an offset of '02H" from the base address. The Control Register is initialized by
the RESET input, bits 0 to 5 only being affected; bits 6 and 7 are Logic High.
STROBE
INIT
SLCT IN
DIR
IRQ ENABLE
7
5
6
4
3
2
1
0
1
1
AUTO FD
Bit 6 and 7 These tow bits are Logic High during a read, and cannot be written.
Bit 5 PDIR (PARALLEL DIRECTION CONTROL)
Parallel Direction Control is not valid in printer mode. In printer mode, the direction is always out regardless
of the state of this bit. In bi-directional, EPP or ECP mode, A logic 0 means that the printer port is in output
mode (write); A logic 1 means that the printer port is in input mode (read).
Bit 4 IRQEn (INTERRUPT REQUEST ENABLE)
The interrupt request enable bit when set to a high level may be used to enable interrupt requests from the
Parallel Port to the CPU. An interrupt request is generated on the IRQ port by a positive going ACK# input.
When the IRQEn bit is programmed low the IRQ is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com