Electronic Components Datasheet Search
  English  ▼

X  

AT7601F Datasheet(PDF) 3 Page - Analog Microelectronics

Part # AT7601F
Description  Printer Port Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AT7601F Datasheet(HTML) 3 Page - Analog Microelectronics

  AT7601F Datasheet HTML 1Page - Analog Microelectronics AT7601F Datasheet HTML 2Page - Analog Microelectronics AT7601F Datasheet HTML 3Page - Analog Microelectronics AT7601F Datasheet HTML 4Page - Analog Microelectronics AT7601F Datasheet HTML 5Page - Analog Microelectronics AT7601F Datasheet HTML 6Page - Analog Microelectronics AT7601F Datasheet HTML 7Page - Analog Microelectronics AT7601F Datasheet HTML 8Page - Analog Microelectronics AT7601F Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
AME, Inc.
3
AT7601F
Printer Port Controller
Rev. B.02
Pin No.
Pin name
I/O Type
Function
19, 47
VCC
PWR
5V Supply.
12, 36
GND
PWR
Ground
Table 3. Power Signals
Pin No.
Pin name
I/O Type
Function
20
SLCT
I
Printer Selected input.
21
PE
I
Printer Paper End input.
22
BUSY
I
Printer Busy input.
23
ACK#
I
Printer Acknowledge input: active low
24, 26-32
PD [0:7]
I/O12
Printer port data bus.
33
SLIN#
OD12/O12
Printer Select output: active low
34
INIT#
OD12/O12
Printer Initialization output: active low
37
ERR#
I
Printer Error input: active low
38
AFD#
OD12/O12
Auto Line Feed output: active low
39
STB#
OD12/O12
Strobe output: active low
Table 2. Print Port Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com