| Electronic Components Datasheet Search |
|
AT7601F Datasheet(PDF) 23 Page - Analog Microelectronics |
|
|
|||||||||||||||||||||||||||||
AT7601F Datasheet(HTML) 23 Page - Analog Microelectronics |
|
23 / 35 page ![]() AME, Inc. 23 AT7601F Printer Port Controller Rev. B.02 5-3-2-12 Programmed I/O - Transfer from the FIFO to Host In the reverse direction an interrupt occurs when Servicelntr is 0 and ReadlntrThreshold bytes are available in the FIFO. If at this time the FIFO is full it can be emptied completely in a single burst, otherwise ReadlntrThreshold bytes may be read from the FIFO in a single burst. ReadlntrThreshold=16- <threshold>) data bytes in FIFO An interrupt is generated when Servicelntr is 0 and the number of bytes in the FIFO is greater than or equal to (16-<threshold>). (If the threshold=12, then the interrupt is set whenever there are 4-16 bytes in the FIFO.) The PINT pin can be used for interrupt-driven systems. The host must respond to the request by reading data from the FIFO. This process is repeated until the last byte is transferred out of the FIFO. If at this time the FIFO is full, it can be completely emptied in a single burst, otherwise a minimum of (16-<threshold>) bytes may be read from the FIFO in a single burst. 5-3-2-13 Programmed I/O -- Transfer from the Host to FIFO In the forward direction an interrupt occurs when Servicelntr is 0 and there are WriteIntrThreshold or more bytes free in the FIFO. At this time if the FIFO is empty it can be filled with a single burst before the empty bit needs to be re-read. Otherwise it may be filled with WriteIntrThreshold bytes. WriteIntrThreshold=(16-<threshold>) free bytes in FIFO. An interrupt is generated when Servicelntr is 0 and the number of bytes in the FIFO is less than or equal to <threshold>. (If the threshold=12. then the interrupt is set whenever there are 12 or less bytes of data in the FIFO.) The PINT pin can be used for interrupt-driven systems. The host must respond to the request by writing data to the FIFO. If at this time the FIFO is empty. It can be completely filled in a single burst, otherwise a minimum of (16-<threshold>) bytes may be written to the FIFO in a single burst. This process is repeated until the last byte is transferred into the FIFO. Power management capabilities are provided for the following logical devices: floppy disk, UART 1, UART2 and the parallel port. For each logical device, two types of power management are provided; direct powerdown and auto powerdown. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |