Electronic Components Datasheet Search
  English  ▼

X  

AT7601F Datasheet(PDF) 15 Page - Analog Microelectronics

Part # AT7601F
Description  Printer Port Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AT7601F Datasheet(HTML) 15 Page - Analog Microelectronics

Back Button AT7601F Datasheet HTML 11Page - Analog Microelectronics AT7601F Datasheet HTML 12Page - Analog Microelectronics AT7601F Datasheet HTML 13Page - Analog Microelectronics AT7601F Datasheet HTML 14Page - Analog Microelectronics AT7601F Datasheet HTML 15Page - Analog Microelectronics AT7601F Datasheet HTML 16Page - Analog Microelectronics AT7601F Datasheet HTML 17Page - Analog Microelectronics AT7601F Datasheet HTML 18Page - Analog Microelectronics AT7601F Datasheet HTML 19Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
AME, Inc.
15
AT7601F
Printer Port Controller
Rev. B.02
5-3-1.4 C-FIFO (Parallel Port Data FIFO) Mode = 010
ADDRESS OFFSET = 400H
Bytes written or DMAed from the system to this FIFO are transmitted by a hardware handshake to the
peripheral using the standard parallel port protocol. Transfers to the FIFO are byte aligned. This mode is
only defined for the forward direction.
5-3-1.5 ECP- DFIFO (ECP Data FIFO) Mode = 011
ADDRESS OFFSET = 400H
Bytes written or DMAed from the system to this FIFO, when the direction bit is 0, are transmitted by a
hardware handshake to the peripheral using the ECP parallel port protocol. Transfers to the FIFO are byte
aligned. Data bytes from the peripheral are read under automatic hardware handshake from ECP into this
FIFO when the direction bit is 1. Reads or DMAs from the FIFO will return bytes of ECP data to the
system.
5-3-1.6 T- FIFO (Test FIFO Mode) Mode = 110
ADDRESS OFFSET = 400H
Data bytes may be read, written or DMAed to or from the system to this FIFO in any direction.
Data in the T-FIFO will not be transmitted to the parallel port lines using a hardware protocol
handshake. However, data in the T-FIFO may be displayed on the parallel port data lines.
The T-FIFO will not stall when overwritten or underrun. If an attempt is made to write data to a full T-FIFO,
the new data is not accepted into the T-FIFO. If an attempt is made to read data from an empty T-FIFO,
the last data byte is re-read again. The full and empty bits must always keep track of the correct FIFO
state. The T-FIFO will transfer data at the maximum ISA rate so that software may generate performance
metrics.
The FIFO size and interrupt threshold can be determined by writing bytes to the FIFO and checking the
full and ServiceIntr bits.
The writeIntrThreshold can be determined by starting with a full T-FIFO, setting the direction bit to 0 and
emptying it a byte at a time until ServiceIntr is set. This may generate a spurious interrupt, but will
indicate that the threshold has been reached.
The readIntrThreshold can be determined by setting the direction bit to 1 and filling the empty T-FIFO a
byte at a time until ServiceIntr is set. This may generate a spurious interrupt, but will indicate that the
threshold has been reached.
Data bytes are always read from the head of T-FIFO regardless of the value of the direction bit. For
example if 44h, 33h, 22h is written to the FIFO, then reading the T-FIFO will return 44h, 33h, 22h in the
same order as was written.
5-3-1.7 Cnfg-A (Configuration Register A) Mode = 111
ADDRESS OFFSET = 400H
This register is a read only register. When read, 10H is returned. This indicates to the system that this is
an 8-bit implementation. (PWord =1 byte)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com