Electronic Components Datasheet Search
  English  ▼

X  

AT7601F Datasheet(PDF) 11 Page - Analog Microelectronics

Part # AT7601F
Description  Printer Port Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AT7601F Datasheet(HTML) 11 Page - Analog Microelectronics

Back Button AT7601F Datasheet HTML 7Page - Analog Microelectronics AT7601F Datasheet HTML 8Page - Analog Microelectronics AT7601F Datasheet HTML 9Page - Analog Microelectronics AT7601F Datasheet HTML 10Page - Analog Microelectronics AT7601F Datasheet HTML 11Page - Analog Microelectronics AT7601F Datasheet HTML 12Page - Analog Microelectronics AT7601F Datasheet HTML 13Page - Analog Microelectronics AT7601F Datasheet HTML 14Page - Analog Microelectronics AT7601F Datasheet HTML 15Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
AME, Inc.
11
AT7601F
Printer Port Controller
Rev. B.02
Pin Name
ECP Mode Name
I/O Type
Description
STB#
HostClk
O
During write operations STB# registers data or address
into the slave on the asserting edge. These signal
handshakes with Busy.
PD [7:0]
D0-D7
I/O
These signals contain address or data or RLE data.
ACK#
PeriphClk
I
This signal indicates valid data driven by the peripheral when
asserted. This signal handshakes with AFD# in reverse.
Busy
PeriphAck
I
This signal deasserts to indicate that the peripheral can
accept data. It indicates whether the data lines contain
ECP command information or data in the reverse
direction. When in reverse direction, normal data are
transferred when Busy (PeriphAck) is high and an 8-bit
command is transferred when it is low.
PError
AckReverse#
I
This signal is used to acknowledge a change in the direction
of the transfer (asserted = forward). The peripheral drives
this signal low to acknowledge ReverseReq#. The host
relies upon AckReverse# to determine when it is permitted to
drive the data bus.
SLCT
Xflag
I
Indicates printer on line.
AFD#
HostAck
O
Requests a byte of data from the peripheral when it is
asserted. This signal indicates whether the data lines
contain ECP address or data in the forward direction.
When in forward direction, normal data are transferred when
AFD# (HostAck) is high and an 8-bit command is
transferred when it is low.
Fault#
PeriphReq#
I
Generates an error interrupt when it is asserted. This
signal is valid only in the forward direction. The peripheral
is permitted (but not required) to drive this pin low to
request a reverse transfer during ECP Mode.
INIT#
ReverseReq#
O
This signal sets the transfer direction (asserted = reverse,
deasserted = forward). This pin is driven low to place the
channel in the reverse direction.
SLIN#
ECPMode
O
This signal is always deasserted in ECP mode.
Table 8. ECP Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com