Electronic Components Datasheet Search
  English  ▼

X  

AT7601F Datasheet(PDF) 16 Page - Analog Microelectronics

Part # AT7601F
Description  Printer Port Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AT7601F Datasheet(HTML) 16 Page - Analog Microelectronics

Back Button AT7601F Datasheet HTML 12Page - Analog Microelectronics AT7601F Datasheet HTML 13Page - Analog Microelectronics AT7601F Datasheet HTML 14Page - Analog Microelectronics AT7601F Datasheet HTML 15Page - Analog Microelectronics AT7601F Datasheet HTML 16Page - Analog Microelectronics AT7601F Datasheet HTML 17Page - Analog Microelectronics AT7601F Datasheet HTML 18Page - Analog Microelectronics AT7601F Datasheet HTML 19Page - Analog Microelectronics AT7601F Datasheet HTML 20Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
AME, Inc.
16
Printer Port Cotroller
AT7601F
Rev. B.02
5-3-1.8 Cnfg-B (Configuration Register B) Mode = 111
ADDRESS OFFSET = 400H
The bit definitions are as follows:
Bit 7 Compress: This bit is read only. During a read it is a low level. This means that this chip
does not support hardware RLE compression. It does support hardware de-compression!
Bit 6 IntrValue: Returns the value on the ISA IRQ line to determine possible conflicts.
Bits [3:0] Parallel Port IRQ
Refer to Table A.
Bits [2:0] Parallel Port DMA
Refer to Table B.
IRQ
SELECTED
CONFIG REG B
BITS 5:3
15
110
14
101
11
100
10
011
9
010
7
001
5
111
All Others
000
Table A
DMA
SELECTED
CONFIG REG B
BITS 2:0
3
011
2
010
1
001
All Others
000
Table B
5-3-1.9 ECR (Extended Control Register) Mode = all
ADDRESS OFFSET = 402H
This register controls the extended ECP parallel port functions.
Bit 7,6,5: These bits are Read/Write and select the Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com