Electronic Components Datasheet Search
  English  ▼

X  

AT7601F Datasheet(PDF) 12 Page - Analog Microelectronics

Part # AT7601F
Description  Printer Port Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AT7601F Datasheet(HTML) 12 Page - Analog Microelectronics

Back Button AT7601F Datasheet HTML 8Page - Analog Microelectronics AT7601F Datasheet HTML 9Page - Analog Microelectronics AT7601F Datasheet HTML 10Page - Analog Microelectronics AT7601F Datasheet HTML 11Page - Analog Microelectronics AT7601F Datasheet HTML 12Page - Analog Microelectronics AT7601F Datasheet HTML 13Page - Analog Microelectronics AT7601F Datasheet HTML 14Page - Analog Microelectronics AT7601F Datasheet HTML 15Page - Analog Microelectronics AT7601F Datasheet HTML 16Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
AME, Inc.
12
Printer Port Cotroller
AT7601F
Rev. B.02
Note 1: These address are added to the parallel port base address as selected by configuration register or jump-
ers.
Note 2: All address are qualified with AEN. Refer to the AEN pin definition.
Note 3: The register definitions are based on the standard IBM address
Name
Address
I/O Type
Mode
Function
Data
Base+000h
R/W
000-001
Data Register
ECP-AFIFO
Base+000h
R/W
011
ECP FIFO (Address)
DSR
Base+001h
R/W
All
Status Register
DCR
Base+002h
R/W
All
Control Register
C-FIFO
Base+400h
R/W
010
Parallel Port Data FIFO
ECP-DFIFO
Base+400h
R/W
011
ECP FIFO (DATA)
T-FIFO
Base+400h
R/W
110
Test FIFO
Cnfg-A
Base+400h
R
111
Configuration Register A
Cnfg-B
Base+401h
R/W
111
Configuration Register B
ECR
Base+402h
R/W
All
Extended Control Register
Table 9. ECP Register Definitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com