Electronic Components Datasheet Search
  English  ▼

X  

AT7601F Datasheet(PDF) 14 Page - Analog Microelectronics

Part # AT7601F
Description  Printer Port Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AT7601F Datasheet(HTML) 14 Page - Analog Microelectronics

Back Button AT7601F Datasheet HTML 10Page - Analog Microelectronics AT7601F Datasheet HTML 11Page - Analog Microelectronics AT7601F Datasheet HTML 12Page - Analog Microelectronics AT7601F Datasheet HTML 13Page - Analog Microelectronics AT7601F Datasheet HTML 14Page - Analog Microelectronics AT7601F Datasheet HTML 15Page - Analog Microelectronics AT7601F Datasheet HTML 16Page - Analog Microelectronics AT7601F Datasheet HTML 17Page - Analog Microelectronics AT7601F Datasheet HTML 18Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
AME, Inc.
14
Printer Port Cotroller
AT7601F
Rev. B.02
5-3-1.2 Device Status Register (DSR)
The Status Port is located at an offset of '01H'from the base address. Bits 0-2 are not implemented as
register bits; during a read of the Printer Status Register these bits are a low level. The bits of the Status
Port are defined as follows:
Bit 0-2: the Status Port is located at an offset of '01H'from the base address. Bits 0-2 are not imple-
mented as register bits; during a read of the Printer Status Register these bits are a low level.
Bit 3 Fault# : The level on the Fault# input is read by the CPU as bit 3 of the Device Status Register.
Bit 4 SLCT: The level on the Select input is read by the CPU as bit 4 of the Device Status Register.
Bit 5 PError: The level on the PError input is read by the CPU as bit 5 of the Device Status Register.
Printer Status Register.
Bit 6 ACK#: The level on the ACK# input is read by the CPU as bit 6 of the Device Status Register.
Bit 7 BUSY#: This complement of the level on the BUSY input is read by the CPU as bit 7 of the Device
Status Register.
5-3-1.3 Device Control Register (DCR)
The Control Register is located at an offset of '02H'from the base address. The Control Register is
initialized to zero by the RESET input, bits 0 to 5 only being affected; bits 6 and 7 are hard wired low.
Bit 6 and 7 during a read are a low level, and cannot be written.
Bit 5 PDIR:
If mode=000 or mode=010, this bit has no effect and the direction is always out regardless of the state of
this bit. In all other modes, Direction is valid and a logic 0 means that the printer port is in output mode
(write); a logic 1 means that the printer port is in input mode (read).
Bit 4 AckIntEn-INTERRUPT REQUEST ENABLE: The interrupt request enable bit when set to a high
level may be used to enable interrupt requests from the Parallel Port to the CPU due to a low to high
transition on the ACK# input. Refer to the description of the interrupt under Operation, Interrupts.
Bit 3 SLIN: This bit is inverted and output onto the SLIN# output. A logic 1 on this bit selects the printer;
a logic 0 means the printer is not selected.
Bit 2 INIT# (INITIATE OUTPUT):
This bit is output onto the INIT# output without inversion.
Bit 1 AFD (AUTOFEED):
This bit is inverted and output onto the AFD# output. A logic 1 causes the printer to generate a line feed
after each line is printed. A logic 0 means no autofeed.
Bit 0 STB (STROBE):
This bit is inverted and output onto the STROBE# output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com