Electronic Components Datasheet Search
  English  ▼

X  

ADF4382ABCCZ Datasheet(PDF) 27 Page - Analog Devices

Part # ADF4382ABCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4382ABCCZ Datasheet(HTML) 27 Page - Analog Devices

Back Button ADF4382ABCCZ Datasheet HTML 23Page - Analog Devices ADF4382ABCCZ Datasheet HTML 24Page - Analog Devices ADF4382ABCCZ Datasheet HTML 25Page - Analog Devices ADF4382ABCCZ Datasheet HTML 26Page - Analog Devices ADF4382ABCCZ Datasheet HTML 27Page - Analog Devices ADF4382ABCCZ Datasheet HTML 28Page - Analog Devices ADF4382ABCCZ Datasheet HTML 29Page - Analog Devices ADF4382ABCCZ Datasheet HTML 30Page - Analog Devices ADF4382ABCCZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 82 page
background image
Data Sheet
ADF4382A
THEORY OF OPERATION
analog.com
Rev. A | 27 of 82
Table 19. Double Buffer Enabled Bit Fields (Continued)
Double Buffer Enabled Bits
Double Buffered Bit Fields
DCLK_DIV_DB
DCLK_DIV1
DEL_CTRL_DB
INV_RFKOUT, BLEED_I, BLEED_POL
Serial Port
The SPI-compatible serial port provides control and monitoring
functionality. The CMOS_OV bit (Register 0x03D, Bit 5) determines
if the logic high level for the SDO and SDIO SPI output pins is 3.3
V or 1.8 V. The CMOS_OV bit also sets the output level for the
MUXOUT and LKDET pins.
The serial port can be programmed to support several different
configurations in Register 0x000 and Register 0x001.
The SDO_ACTIVE bit (Register 0x000, Bit 3) determines if the
serial port is configured as a 3-wire or 4-wire serial interface (see
the timing diagrams in Figure 2, Figure 3 and Figure 4).
Figure 51. Serial Interface, MSB First (LSB_FIRST = 0)
Figure 52. Serial Interface, LSB First (LSB_FIRST = 1)
The SPI register map can be programmed with single instructions,
as shown in Figure 51 and Figure 52, or in streaming mode.
Streaming mode allows for efficient data transfer read or write
cycles to multiple registers. Streaming mode allows the user to
program a bit stream composed of one register address in the
instruction header and data for that register address, which is then
followed by data in subsequent register addresses.
VCO
The VCO core consists of two separate VCOs both of which uses
512 overlapping bands, which allows the device to cover a wide
frequency range without large VCO tuning sensitivity (KVCO). The
output frequency can be further extended by utilizing the output
divider.
Figure 53. VCO and Clock Output Divider
The correct VCO core, band, and bias are chosen automatically by
performing a VCO calibration. After a VCO calibration is performed
for a specific frequency, the VCO core, band, and bias values
can be recorded for that particular device. These values can be
programmed manually later when the same device and frequency
are used, thereby avoiding the VCO calibration time.
VCO Calibration
A VCO calibration is required to select the correct VCO core, band,
and bias settings for a specific VCO frequency. This procedure
assumes that the device is powered up, the desired reference
frequency is present on the REFP and REFN pins, and all other
registers are programmed correctly. Figure 54 and Figure 55 are
provided as visual aids for this procedure.
Figure 54. VCO Calibration Dividers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com