Electronic Components Datasheet Search
  English  ▼

X  

ADF4382ABCCZ Datasheet(PDF) 57 Page - Analog Devices

Part # ADF4382ABCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4382ABCCZ Datasheet(HTML) 57 Page - Analog Devices

Back Button ADF4382ABCCZ Datasheet HTML 53Page - Analog Devices ADF4382ABCCZ Datasheet HTML 54Page - Analog Devices ADF4382ABCCZ Datasheet HTML 55Page - Analog Devices ADF4382ABCCZ Datasheet HTML 56Page - Analog Devices ADF4382ABCCZ Datasheet HTML 57Page - Analog Devices ADF4382ABCCZ Datasheet HTML 58Page - Analog Devices ADF4382ABCCZ Datasheet HTML 59Page - Analog Devices ADF4382ABCCZ Datasheet HTML 60Page - Analog Devices ADF4382ABCCZ Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 82 page
background image
Data Sheet
ADF4382A
REGISTER MAP
analog.com
Rev. A | 57 of 82
Address: 0x038, Reset: 0x00, Name: REG0038
Table 77. Bit Descriptions for REG0038
Bits
Bit Name
Description
Reset
Access
[7:0]
CAL_VTUNE_TO[7:0]
Timeout value for VCO VTUNE settling. See the VCO calibration section.
0x0
R/W
Address: 0x039, Reset: 0x00, Name: REG0039
Table 78. Bit Descriptions for REG0039
Bits
Bit Name
Description
Reset
Access
7
O_VCO_DB
M_VCO_CORE, M_VCO_BAND, and M_VCO_BIAS Doubled Buffered. See the VCO calibration
section.
0x0
R/W
0: core, bias and band not double buffered.
1: core, bias and band double buffered.
[6:0]
CAL_VTUNE_TO[14:8]
Timeout value for VCO VTUNE settling. See the VCO calibration section.
0x0
R/W
Address: 0x03A, Reset: 0x00, Name: REG003A
Table 79. Bit Descriptions for REG003A
Bits
Bit Name
Description
Reset
Access
[7:0]
CAL_VCO_TO[7:0]
Timeout value for VCO calibration band and core settling. See the VCO calibration section.
0x0
R/W
Address: 0x03B, Reset: 0x00, Name: REG003B
Table 80. Bit Descriptions for REG003B
Bits
Bit Name
Description
Reset
Access
7
DEL_CTRL_DB
Delay Controls Double Buffered.
0x0
R/W
0: not double buffered.
1: double buffered.
[6:0]
CAL_VCO_TO[14:8]
Timeout value for VCO calibration band and core settling. See the VCO calibration section.
0x0
R/W
Address: 0x03C, Reset: 0x00, Name: REG003C
Table 81. Bit Descriptions for REG003C
Bits
Bit Name
Description
Reset
Access
[7:0]
REG3C_RSV0
Reserved. ADF4382A register map provides reserved register settings.
0x0
R/W
Address: 0x03D, Reset: 0x00, Name: REG003D
Table 82. Bit Descriptions for REG003D
Bits
Bit Name
Description
Reset
Access
7
RESERVED
Reserved.
0x0
R/W
6
REG3C_RSV6
Reserved. ADF4382A register map provides reserved register settings.
0x0
R/W
5
CMOS_OV
Logic High Voltage for MUXOUT, LKDET, SDO, SDIO.
0x0
R/W
0: 1.8 V logic.
1: 3.3 V logic.
4
REG3D_RSV1
Reserved. ADF4382A register map provides reserved register settings.
0x0
R/W
[3:0]
REG3D_RSV0
Reserved. ADF4382A register map provides reserved register settings.
0x0
R/W
Address: 0x03E, Reset: 0x00, Name: REG003E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com