Electronic Components Datasheet Search
  English  ▼

X  

ADF4382ABCCZ Datasheet(PDF) 53 Page - Analog Devices

Part # ADF4382ABCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4382ABCCZ Datasheet(HTML) 53 Page - Analog Devices

Back Button ADF4382ABCCZ Datasheet HTML 49Page - Analog Devices ADF4382ABCCZ Datasheet HTML 50Page - Analog Devices ADF4382ABCCZ Datasheet HTML 51Page - Analog Devices ADF4382ABCCZ Datasheet HTML 52Page - Analog Devices ADF4382ABCCZ Datasheet HTML 53Page - Analog Devices ADF4382ABCCZ Datasheet HTML 54Page - Analog Devices ADF4382ABCCZ Datasheet HTML 55Page - Analog Devices ADF4382ABCCZ Datasheet HTML 56Page - Analog Devices ADF4382ABCCZ Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 82 page
background image
Data Sheet
ADF4382A
REGISTER MAP
analog.com
Rev. A | 53 of 82
Table 62. Bit Descriptions for REG0029
Bits
Bit Name
Description
Reset
Access
[7:4]
RFOUT2_OPWR
Select RFOUT2 Output Amplitude.
0x0
R/W
[3:0]
RFOUT1_OPWR
Select RFOUT1 Output Amplitude.
0x0
R/W
Address: 0x02A, Reset: 0x04, Name: REG002A
Table 63. Bit Descriptions for REG002A
Bits
Bit Name
Description
Reset
Access
7
REG2A_RSV7
Reserved. ADF4382A register map provides reserved register settings.
0x0
R/W
6
REG2A_RSV6
Reserved. ADF4382A register map provides reserved register settings.
0x0
R/W
5
REG2A_RSV5
Reserved. ADF4382A register map provides reserved register settings.
0x0
R/W
4
PD_SYNC
Power Down the Sync.
0x0
R/W
3
REG2A_RSV3
Reserved. ADF4382A register map provides reserved register settings.
0x0
R/W
2
PD_RDET
Power Down the Reference Detector.
0x1
R/W
0: normal operation.
1: power down the reference detector.
1
PD_ADC
Power Down the Temperature ADC.
0x0
R/W
0
REG2A_RSV0
Reserved. ADF4382A register map provides reserved register settings.
0x0
R/W
Address: 0x02B, Reset: 0x83, Name: REG002B
Table 64. Bit Descriptions for REG002B
Bits
Bit Name
Description
Reset
Access
7
PD_ALL
Main Power Down.
0x1
R/W
0: normal operation.
1: power down.
6
PD_RDIV
Power Down the R-Divider.
0x0
R/W
0: normal operation.
1: power down R-divider.
5
PD_NDIV
Power Down the N-Divider.
0x0
R/W
0: normal operation.
1: power down N-divider.
4
PD_VCO
Power Down the VCO.
0x0
R/W
0: normal operation.
1: power down VCO.
3
PD_LD
Power Down the Lock Detector.
0x0
R/W
0: normal operation.
1: power down the lock detector.
2
PD_PFDCP
Power Down the PFD Charge Pump.
0x0
R/W
0: normal operation.
1: power down the PFD charge pump.
1
PD_RFOUT1
Power Down RFOUT1 Output Buffer.
0x1
R/W
0: normal operation.
1: power down RFOUT1 output.
0
PD_RFOUT2
Power Down RFOUT2 Output Buffer.
0x1
R/W
0: normal operation.
1: power down RFOUT2 output.
Address: 0x02C, Reset: 0x00, Name: REG002C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com