Electronic Components Datasheet Search
  English  ▼

X  

ADF4382ABCCZ Datasheet(PDF) 42 Page - Analog Devices

Part # ADF4382ABCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4382ABCCZ Datasheet(HTML) 42 Page - Analog Devices

Back Button ADF4382ABCCZ Datasheet HTML 38Page - Analog Devices ADF4382ABCCZ Datasheet HTML 39Page - Analog Devices ADF4382ABCCZ Datasheet HTML 40Page - Analog Devices ADF4382ABCCZ Datasheet HTML 41Page - Analog Devices ADF4382ABCCZ Datasheet HTML 42Page - Analog Devices ADF4382ABCCZ Datasheet HTML 43Page - Analog Devices ADF4382ABCCZ Datasheet HTML 44Page - Analog Devices ADF4382ABCCZ Datasheet HTML 45Page - Analog Devices ADF4382ABCCZ Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 82 page
background image
Data Sheet
ADF4382A
REGISTER MAP
analog.com
Rev. A | 42 of 82
Table 28. ADF4382A Register Summary (Continued)
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x02E REG002E
[7:0]
MUXOUT
RESERVED EN_CPTES
T
CP_DOWN
CP_UP
0x00
R/W
0x02F REG002F
[7:0]
BST_REF
FILT_REF
RDBLR_DC
0x00
R/W
0x030 REG0030
[7:0]
MUTE_NCL
K
RESERVED REF_SEL
INV_RDBLR
RDBLR_DEL_SEL
0x00
R/W
0x031 REG0031
[7:0]
SYNC_DEL
RST_SYS
EN_ADC_C
LK
RESERVED 1
DCLK_MOD
E
0x00
R/W
0x032 REG0032
[7:0]
RESERVED 1
DEL_MODE EN_AUTO_
ALIGN
PHASE_ADJ
_POL
EFM3_MODE
0x00
R/W
0x033 REG0033
[7:0]
PHASE_ADJUSTMENT
0x00
R/W
0x034 REG0034
[7:0]
PHASE_ADJ
DRCLK_DEL
DNCLK_DEL
RST_CNTR
0x00
R/W
0x035 REG0035
[7:0]
RESERVED
M_VCO_BIAS
0x00
R/W
0x036 REG0036
[7:0]
RFOUTODIV
_DB
DCLK_DIV_
DB
RESERVED
EN_LUT_GE
N
EN_LUT_CA
L
0x00
R/W
0x037 REG0037
[7:0]
CAL_COUNT_TO
0x00
R/W
0x038 REG0038
[7:0]
CAL_VTUNE_TO[7:0]
0x00
R/W
0x039 REG0039
[7:0]
O_VCO_DB
CAL_VTUNE_TO[14:8]
0x00
R/W
0x03A REG003A
[7:0]
CAL_VCO_TO[7:0]
0x00
R/W
0x03B REG003B
[7:0]
DEL_CTRL_
DB
CAL_VCO_TO[14:8]
0x00
R/W
0x03C REG003C
[7:0]
0x0
0x00
R/W
0x03D REG003D
[7:0]
RESERVED 0
CMOS_OV
0
0
0x00
R/W
0x03E REG003E
[7:0]
ADC_CLK_DIV
0x00
R/W
0x03F REG003F
[7:0]
1
0
0
0
0
0
EN_ADC
0
0x00
R/W
0x040 REG0040
[7:0]
0
0
MUTE_RFOUT2
MUTE_RFOUT1
0x00
R/W
0x041 REG0041
[7:0]
0
0
0
0
0
0
0x00
R/W
0x042 REG0042
[7:0]
0x1
0x00
R/W
0x043 REG0043
[7:0]
0xB8
0x00
R/W
0x044 REG0044
[7:0]
VCAL_ZER
O
0x2E
0x00
R/W
0x045 REG0045
[7:0]
RESERVED
0x52
0x00
R/W
0x04B REG004B
[7:0]
0x5D
0x00
R/W
0x04C REG004C
[7:0]
RESERVED
0x2B
0x00
R/W
0x04D REG004D
[7:0]
RESERVED
O_VCO_BIA
S
O_VCO_BA
ND
O_VCO_CO
RE
0x00
R/W
0x04F REG004F
[7:0]
LUT_SCALE
0x00
R/W
0x053 REG0053
[7:0]
RESERVED PD_SYNC_
MON
SYNC_SEL
RST_SYNC
_MON
0x5
0x00
R/W
0x054 REG0054
[7:0]
RESERVED
ADC_ST_C
NV
0x00
R/W
0x055 REG0055
[7:0]
COUNTER_READBACK[7:0]
0x00
R
0x056 REG0056
[7:0]
COUNTER_READBACK[15:8]
0x00
R
0x057 REG0057
[7:0]
COUNTER_READBACK[23:16]
0x00
R
0x058 REG0058
[7:0]
LUT_BUSY
SYNC_OK
DEL_STR
DEL_ADJ
REF_OK
ADC_BUSY FSM_BUSY LOCKED
0x00
R
0x059 REG0059
[7:0]
RESERVED
VCO0_BIAS_RDBK
0x00
R
0x05A REG005A
[7:0]
RESERVED
VCO1_BIAS_RDBK
0x00
R
0x05B REG005B
[7:0]
CHIP_TEMP[7:0]
0x00
R
0x05C REG005C
[7:0]
RESERVED
CHIP_TEM
P[8]
0x00
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com