Electronic Components Datasheet Search
  English  ▼

X  

ADF4382ABCCZ Datasheet(PDF) 67 Page - Analog Devices

Part # ADF4382ABCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4382ABCCZ Datasheet(HTML) 67 Page - Analog Devices

Back Button ADF4382ABCCZ Datasheet HTML 63Page - Analog Devices ADF4382ABCCZ Datasheet HTML 64Page - Analog Devices ADF4382ABCCZ Datasheet HTML 65Page - Analog Devices ADF4382ABCCZ Datasheet HTML 66Page - Analog Devices ADF4382ABCCZ Datasheet HTML 67Page - Analog Devices ADF4382ABCCZ Datasheet HTML 68Page - Analog Devices ADF4382ABCCZ Datasheet HTML 69Page - Analog Devices ADF4382ABCCZ Datasheet HTML 70Page - Analog Devices ADF4382ABCCZ Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 82 page
background image
Data Sheet
ADF4382A
REGISTER MAP
analog.com
Rev. A | 67 of 82
Table 140. Bit Descriptions for REG0208
Bits
Bit Name
Description
Reset
Access
[7:0]
LUT_BAND_2[7:0]
Band 2 selected by the LUT.
0x0
R
Address: 0x209, Reset: 0x00, Name: REG0209
Table 141. Bit Descriptions for REG0209
Bits
Bit Name
Description
Reset
Access
[7:2]
RESERVED
Reserved.
0x0
R
1
LUT_CORE[2]
Core selected by the LUT.
0x0
R
0
LUT_BAND_2[8]
Band 2 selected by the LUT.
0x0
R
Address: 0x20A, Reset: 0x00, Name: REG020A
Table 142. Bit Descriptions for REG020A
Bits
Bit Name
Description
Reset
Access
[7:0]
LUT_BAND_3[7:0]
Band 3 selected by the LUT.
0x0
R
Address: 0x20B, Reset: 0x00, Name: REG020B
Table 143. Bit Descriptions for REG020B
Bits
Bit Name
Description
Reset
Access
[7:2]
RESERVED
Reserved.
0x0
R
1
LUT_CORE[3]
Core selected by the LUT.
0x0
R
0
LUT_BAND_3[8]
Band 3 selected by the LUT.
0x0
R
Address: 0x20C, Reset: 0x00, Name: REG020C
Table 144. Bit Descriptions for REG020C
Bits
Bit Name
Description
Reset
Access
[7:0]
LUT_BAND_4[7:0]
Band 4 selected by the LUT.
0x0
R
Address: 0x20D, Reset: 0x00, Name: REG020D
Table 145. Bit Descriptions for REG020D
Bits
Bit Name
Description
Reset
Access
[7:2]
RESERVED
Reserved.
0x0
R
1
LUT_CORE[4]
Core selected by the LUT.
0x0
R
0
LUT_BAND_4[8]
Band 4 selected by the LUT.
0x0
R
Address: 0x20E, Reset: 0x00, Name: REG020E
Table 146. Bit Descriptions for REG020E
Bits
Bit Name
Description
Reset
Access
[7:0]
LUT_BAND_5[7:0]
Band 5 selected by the LUT.
0x0
R
Address: 0x20F, Reset: 0x00, Name: REG020F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com