Electronic Components Datasheet Search
  English  ▼

X  

ADF4382ABCCZ Datasheet(PDF) 34 Page - Analog Devices

Part # ADF4382ABCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4382ABCCZ Datasheet(HTML) 34 Page - Analog Devices

Back Button ADF4382ABCCZ Datasheet HTML 30Page - Analog Devices ADF4382ABCCZ Datasheet HTML 31Page - Analog Devices ADF4382ABCCZ Datasheet HTML 32Page - Analog Devices ADF4382ABCCZ Datasheet HTML 33Page - Analog Devices ADF4382ABCCZ Datasheet HTML 34Page - Analog Devices ADF4382ABCCZ Datasheet HTML 35Page - Analog Devices ADF4382ABCCZ Datasheet HTML 36Page - Analog Devices ADF4382ABCCZ Datasheet HTML 37Page - Analog Devices ADF4382ABCCZ Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 82 page
background image
Data Sheet
ADF4382A
APPLICATIONS INFORMATION
analog.com
Rev. A | 34 of 82
LOOP FILTER DESIGN
A stable loop filter design requires care in selecting the loop filter
components of the ADF4382A. It is recommended to download and
install ADIsimPLL for loop filter design and simulation. ADIsimPLL
has an integrated tutorial for first time users and a help manual for
more complex topics. There are also several ADIsimPLL training
videos available on the ADIsimPLL web page. After a loop filter
is designed and simulated, it is recommended to verify the new
loop filter using the ADF4382A evaluation hardware. A full loop filter
design tutorial is beyond the scope of this data sheet. However,
some best practices are shown in the following list. ADIsimPLL aids
in defining and simulating these parameters. Any significant change
to these items requires a new loop filter design.
A stable loop filter must meet the following criteria:
►
Loop filter phase margin > 45°
►
Loop filter bandwidth < fPFD ÷ 10
The desired loop filter bandwidth is determined by the following
features of the ADF4382A:
►
ICP
►
KVCO
►
PFD frequency
►
Reference input phase noise (see the Reference Phase Noise
section).
►
Trade-off between minimizing jitter or settling time
The VTUNE pin has an internal 54 pF capacitor to GND that must
be included in the loop filter design. ADIsimPLL takes this internal
capacitance into account automatically.
Another consideration when selecting the loop filter components is
the largest value capacitor in the loop filter design because this will
directly affect the minimum VTUNE precharge time before a VCO
calibration. The minimum precharge time is calculated as follows:
tPRECHARGE= C ×VI
(47)
where:
I is the VCO calibration generator current (6 mA).
C is the largest loop filter capacitance.
V is the nominal charge pump voltage.
For example, using a capacitance value of 10 nF and charge pump
voltage of 3.6 V results in the following:
tPRECHARGE= 10 nF ×3.6 V
6 mA
 = 6 μs
Refer to the VCO Calibration section for programming the pre-
charge time dependent bit fields.
VCAL_ZERO
VCAL_ZERO is used to extend the lower limit of the loop filter
bandwidth. Within the loop filter, the capacitor that is connected
directly to the VTUNE pin of the device determines the value
VCAL_ZERO is set to as per Table 25.
Table 25. VCAL_ZERO Setting
CVTUNE
VCAL_ZERO
≤22 nF
0
>22 nF
1
LOOP FILTER LAYOUT CONSIDERATIONS
When designing the layout for the loop filter signal path on the
PCB, use the following design recommendations to optimize per-
formance and reduce potential spurious signals. Refer to the EV-
ADF4382ASD2Z PCB design files for an optimized example loop
filter layout footprint. The default loop filter on this board has been
designed for integer mode performance with FPFD = 250 MHz.
1. Place capacitors that are connected directly to the charge pump
or VTUNE signals as close as possible to the corresponding
device pin. This ensures that the ground signals are close to the
device ground.
2. Place charge pump power supply decoupling capacitors as
close as possible to the charge pump pin. Due to the limited
available layout space, the charge pump supply decoupling
capacitors can be placed on the underside of the evaluation
board.
3. Insert ground vias in the ground pads of shunt capacitors for
optimal ground connections.
4. Reduce loop filter path length to ensure that the loop filter
components are close to the device, with ground pads close to
device ground.
REFERENCE SOURCE CONSIDERATIONS
Reference Input Network
The reference input buffer of the ADF4382A shown in Figure 43
provides a flexible interface to either differential or single-ended
frequency sources. Figure 60 to Figure 65 show the recommended
interfaces for different reference signal types. All characteristic
impedance (Z0 ) signal traces are 50 Ω transmission lines.
Figure 60. Single-Ended 50 Ω Source (VREF < 2.6 V p-p)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com