Electronic Components Datasheet Search
  English  ▼

X  

ADF4382ABCCZ Datasheet(PDF) 38 Page - Analog Devices

Part # ADF4382ABCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4382ABCCZ Datasheet(HTML) 38 Page - Analog Devices

Back Button ADF4382ABCCZ Datasheet HTML 34Page - Analog Devices ADF4382ABCCZ Datasheet HTML 35Page - Analog Devices ADF4382ABCCZ Datasheet HTML 36Page - Analog Devices ADF4382ABCCZ Datasheet HTML 37Page - Analog Devices ADF4382ABCCZ Datasheet HTML 38Page - Analog Devices ADF4382ABCCZ Datasheet HTML 39Page - Analog Devices ADF4382ABCCZ Datasheet HTML 40Page - Analog Devices ADF4382ABCCZ Datasheet HTML 41Page - Analog Devices ADF4382ABCCZ Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 82 page
background image
Data Sheet
ADF4382A
APPLICATIONS INFORMATION
analog.com
Rev. A | 38 of 82
med based on the fPFD used. Table 26 shows the optimal settings
for phase synchronization.
Table 26. Phase Synchronization Settings
PFD Frequency
RDIV = 3, 6, 12, 14, 15, 24, 26 to 31, 46, 48 to 63
RDIV = 1, 2, 4, 5, 7 to 11, 13, 16 to 23, 25, 32 to 45, 47
REF_CK_FALL
REF_DC_SEL
xx_DEL1
REF_CK_FALL
REF_DC_SEL
xx_DEL1
fPFD ≥ 225 MHz
0
0
3
0
0
3
200 MHz ≤ fPFD < 225 MHz
0
0
4
0
0
4
148 MHz ≤ fPFD < 200 MHz
1
3
1
1
3
0
130 MHz ≤ fPFD < 148 MHz
1
3
3
1
3
1
85 MHz ≤ fPFD < 130 MHz
1
3
4
1
3
1
fPFD < 85 MHz
1
2
0
1
2
1
1 xx_DEL denotes SYNC_DEL, DNCLK_DEL, and DRCLK_DEL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com