Electronic Components Datasheet Search
  English  ▼

X  

ADF4382ABCCZ Datasheet(PDF) 47 Page - Analog Devices

Part # ADF4382ABCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4382ABCCZ Datasheet(HTML) 47 Page - Analog Devices

Back Button ADF4382ABCCZ Datasheet HTML 43Page - Analog Devices ADF4382ABCCZ Datasheet HTML 44Page - Analog Devices ADF4382ABCCZ Datasheet HTML 45Page - Analog Devices ADF4382ABCCZ Datasheet HTML 46Page - Analog Devices ADF4382ABCCZ Datasheet HTML 47Page - Analog Devices ADF4382ABCCZ Datasheet HTML 48Page - Analog Devices ADF4382ABCCZ Datasheet HTML 49Page - Analog Devices ADF4382ABCCZ Datasheet HTML 50Page - Analog Devices ADF4382ABCCZ Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 82 page
background image
Data Sheet
ADF4382A
REGISTER MAP
analog.com
Rev. A | 47 of 82
Table 29. Bit Descriptions for REG0000 (Continued)
Bits
Bit Name
Description
Reset
Access
1: address auto-increments when streaming.
1
LSB_FIRST
I/O Data Oriented LSB First.
0x0
R/W
0: MSB first.
1: LSB first.
0
SOFT_RESET
Reset SPI Registers Except REG0000 to POR State. Self-Clearing Reset
0x0
R/W
0: normal operation.
1: soft reset.
Address: 0x001, Reset: 0x00, Name: REG0001
Table 30. Bit Descriptions for REG0001
Bits
Bit Name
Description
Reset
Access
7
SINGLE_INSTRUCTION
Single Instruction.
0x0
R/W
0: SPI streaming enabled.
1: SPI streaming disabled.
6
REG01_RSV6
Reserved.ADF4382A register map provides reserved register settings.
0x0
R/W
5
MASTER_READBACK_CONTROL
Main/Subordinate Readback Control.
0x0
R/W
0: For double buffered bit fields readback subordinate register.
1: For double buffered bit fields readback main register.
4
REG01_RSV4
Reserved. ADF4382A register map provides reserved register settings.
0x0
R/W
3
RESERVED
Reserved.
0x0
R
2
REG01_RSV1
Reserved. ADF4382A register map provides reserved register settings.
0x0
R/W
1
REG01_RSV0
Reserved. ADF4382A register map provides reserved register settings.
0x0
R/W
0
RESERVED
Reserved.
0x0
R
Address: 0x003, Reset: 0x00, Name: REG0003
Table 31. Bit Descriptions for REG0003
Bits
Bit Name
Description
Reset
Access
[7:4]
RESERVED
Reserved.
0x0
R
[3:0]
CHIP_TYPE
Chip Type = 0x06.
0x0
R
Address: 0x004, Reset: 0x00, Name: REG0004
Table 32. Bit Descriptions for REG0004
Bits
Bit Name
Description
Reset
Access
[7:0]
PRODUCT_ID[7:0]
Product ID = 0x0008.
0x0
R
Address: 0x005, Reset: 0x00, Name: REG0005
Table 33. Bit Descriptions for REG0005
Bits
Bit Name
Description
Reset
Access
[7:0]
PRODUCT_ID[15:8]
Product ID = 0x0008.
0x0
R
Address: 0x00A, Reset: 0x00, Name: REG000A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com