Electronic Components Datasheet Search
  English  ▼

X  

ADF4382ABCCZ Datasheet(PDF) 61 Page - Analog Devices

Part # ADF4382ABCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4382ABCCZ Datasheet(HTML) 61 Page - Analog Devices

Back Button ADF4382ABCCZ Datasheet HTML 57Page - Analog Devices ADF4382ABCCZ Datasheet HTML 58Page - Analog Devices ADF4382ABCCZ Datasheet HTML 59Page - Analog Devices ADF4382ABCCZ Datasheet HTML 60Page - Analog Devices ADF4382ABCCZ Datasheet HTML 61Page - Analog Devices ADF4382ABCCZ Datasheet HTML 62Page - Analog Devices ADF4382ABCCZ Datasheet HTML 63Page - Analog Devices ADF4382ABCCZ Datasheet HTML 64Page - Analog Devices ADF4382ABCCZ Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 82 page
background image
Data Sheet
ADF4382A
REGISTER MAP
analog.com
Rev. A | 61 of 82
Table 100. Bit Descriptions for REG0058 (Continued)
Bits
Bit Name
Description
Reset
Access
1: Positive phase adjustment.
3
REF_OK
Reference input amplitude threshold indicator.
0x0
R
0: Reference input amplitude below threshold.
1: Reference input amplitude above threshold.
2
ADC_BUSY
ADC Conversion status.
0x0
R
0: ADC conversion not in progress.
1: ADC conversion in progress.
1
FSM_BUSY
VCO Calibration status.
0x0
R
0: VCO calibration not in progress.
1: VCO calibration in progress.
0
LOCKED
Lock Detector output.
0x0
R
0: Not Locked.
1: Locked.
Address: 0x059, Reset: 0x00, Name: REG0059
Table 101. Bit Descriptions for REG0059
Bits
Bit Name
Description
Reset
Access
[7:6]
RESERVED
Reserved.
0x0
R
[5:0]
VCO0_BIAS_RDBK
VCO bias selected for core 0.
0x0
R
Address: 0x05A, Reset: 0x00, Name: REG005A
Table 102. Bit Descriptions for REG005A
Bits
Bit Name
Description
Reset
Access
[7:6]
RESERVED
Reserved.
0x0
R
[5:0]
VCO1_BIAS_RDBK
VCO bias selected for core 1.
0x0
R
Address: 0x05B, Reset: 0x00, Name: REG005B
Table 103. Bit Descriptions for REG005B
Bits
Bit Name
Description
Reset
Access
[7:0]
CHIP_TEMP[7:0]
Temperature Measured by the ADC in degrees celsius. Bit[8] = Sign, Bits[7:0] = Magnitude
0x0
R
Address: 0x05C, Reset: 0x00, Name: REG005C
Table 104. Bit Descriptions for REG005C
Bits
Bit Name
Description
Reset
Access
[7:1]
RESERVED
Reserved.
0x0
R
0
CHIP_TEMP[8]
Temperature Measured by the ADC in degrees celsius. Bit[8] = Sign, Bits[7:0] = Magnitude
0x0
R
Address: 0x05E, Reset: 0x00, Name: REG005E
Table 105. Bit Descriptions for REG005E
Bits
Bit Name
Description
Reset
Access
[7:0]
VCO_BAND[7:0]
VCO band selected.
0x0
R
Address: 0x05F, Reset: 0x00, Name: REG005F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com