Electronic Components Datasheet Search
  English  ▼

X  

ADF4382ABCCZ Datasheet(PDF) 30 Page - Analog Devices

Part # ADF4382ABCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4382ABCCZ Datasheet(HTML) 30 Page - Analog Devices

Back Button ADF4382ABCCZ Datasheet HTML 26Page - Analog Devices ADF4382ABCCZ Datasheet HTML 27Page - Analog Devices ADF4382ABCCZ Datasheet HTML 28Page - Analog Devices ADF4382ABCCZ Datasheet HTML 29Page - Analog Devices ADF4382ABCCZ Datasheet HTML 30Page - Analog Devices ADF4382ABCCZ Datasheet HTML 31Page - Analog Devices ADF4382ABCCZ Datasheet HTML 32Page - Analog Devices ADF4382ABCCZ Datasheet HTML 33Page - Analog Devices ADF4382ABCCZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 82 page
background image
Data Sheet
ADF4382A
THEORY OF OPERATION
analog.com
Rev. A | 30 of 82
and MOD2WORD (Register 0x1C, Bits[23:16]; Register 0x1B,
Bits[15:8]; and Register 0x1A, Bits[7:0]) bit field values that this
divider comprises together with the fixed modulus MOD1WORD
(225). See the Output Frequency section for the relationship
between N_INT, FRAC1WORD, MOD1WORD, FRAC2WORD,
MOD2WORD, RFOUT_DIV, together with R and D, and the fREF,
fPFD, fVCO and fOUT frequencies.
SYNC Monitor
A SYNC signal monitor is provided to detect the presence of a
SYNC signal and to check the setup and hold time of the SYNC
and reference. This is reported through the SYNC_OK status flag.
If the SYNC monitor detects a setup and hold time requirement
has not been met, then SYNC_OK = 0 after a read back, which
indicates a fault event. The SYNC_OK bit also shows 0 when the
SYNC output is disabled. When SYNC_OK shows 0 after a read
back, it continues to read back 0 until the SYNC monitor is reset
by setting RST_SYNC_MON = 1 then back to 0. Then SYNC_OK
continues to read back 1, assuming the timing is within the limits of
the SYNC monitor. PD_SYNC_MON = 1 disables the SYNC signal
monitor.
Phase Adjust
One of the following two methods can be used to perform a phase
adjustment of the RFOUT signals relative to their initial phase:
►
Bleed current mode
►
Σ-Δ mode
To enable bleed current mode, set DEL_MODE = 0. To enable Σ-Δ
mode, set DEL_MODE = 1.
Bleed Current Phase Adjustment
A small programmable constant charge pump current, known as
a bleed current, can be applied to the charge pump to adjust the
phase. Bleed current phase adjustment is used in integer mode.
Bleed current can also be applied in fractional mode to optimize
performance (see the Charge Pump Bleed Current Optimization
section for more details). The LSB step size depends on the
RFOUT frequency. PHASE_ADJ_POL determines the direction of
the phase adjustment. When PHASE_ADJ_POL = 0, the phase
value is decreased. When PHASE_ADJ_POL = 1, the phase value
is increased.
Ensure the following bit fields are programmed accordingly to
enable bleed current adjustment:
1. Set EN_BLEED = 1.
2. Set EN_PHASE_RESYNC = 1.
3. Set DEL_MODE = 0.
4. Use PHASE_ADJUSTMENT to determine the amount by which
the phase is adjusted as follows:
PHASE_ADJUSTMENT =
Phase in Degrees ×511
250 µA
×ICP ×  fPFD
360×RFOUT (45)
The maximum adjustment time that can achieved using the bleed
current method is tRFOUT.
The bleed current applied can be read back from DEL_CNT.
Σ-Δ Modulator Phase Adjustment
The Σ-Δ modulator can be used to adjust the phase of the RFOUT
signal by applying an offset value. The device must be used in
fractional mode to adjust the Σ-Δ modulator, which is the case
whether a fractional or integer frequency is used. Note that the
in-band figure of merit degrades by 2 dB as compared with using
integer mode. In addition, the maximum fPFD is then 250 MHz in
fractional mode, as compared to 625 MHz in integer mode.
An advantage of using fractional mode for adjusting the phase is
that the range is infinite, which means that each time a phase
adjust is performed, the phase increments by the value stored in
the PHASE_ADJUSTMENT bits (Register 0x033, Bits[7:0]) without
any limit to the number of times this can be done.
Ensure that the following bit fields are programmed accordingly to
enable Σ-Δ phase adjustment:
1. Set EN_PHASE_RESYNC = 1.
2. Set DEL_MODE = 1.
3. Use PHASE_ADJUSTMENT to determine the amount by which
the phase is adjusted for the Σ-Δ modulator as follows:
PHASE_ADJUSTMENT =  Phase in Degrees
360
×212
(46)
PHASE_ADJ_POL selects the direction of adjustment.
PHASE_ADJ_POL = 0 is positive and PHASE_ADJ_POL = 1 is
negative. The PHASE_ADJUSTMENT value currently applied can
be read back from the CUM_PHASE_ADJ bits (Register 0x061,
Bits[7:0]). The maximum value is 8192 decimal. If this value is
exceeded, the value overflows and wraps around.
When the required phase offsets are known prior to initializing the
device, the PHASE_WORD bits can be used to program an initial
phase offset using the same PHASE_ADJUSTMENT formula in this
section.
Phase Adjust Pins
The ADF4382A has a 2-wire digital interface bus protocol that
allows external control of the phase. This bus consists of DELSTR
(Pin 29) and DELADJ (Pin 28). The signals are CMOS output
signals with 1.8 V logic. This interface can be used in both bleed
current and Σ-Δ mode phase adjustment. To enable the 2-wire
interface, set EN_AUTO_ALIGN = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com