Electronic Components Datasheet Search
  English  ▼

X  

ADF4382ABCCZ Datasheet(PDF) 70 Page - Analog Devices

Part # ADF4382ABCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4382ABCCZ Datasheet(HTML) 70 Page - Analog Devices

Back Button ADF4382ABCCZ Datasheet HTML 66Page - Analog Devices ADF4382ABCCZ Datasheet HTML 67Page - Analog Devices ADF4382ABCCZ Datasheet HTML 68Page - Analog Devices ADF4382ABCCZ Datasheet HTML 69Page - Analog Devices ADF4382ABCCZ Datasheet HTML 70Page - Analog Devices ADF4382ABCCZ Datasheet HTML 71Page - Analog Devices ADF4382ABCCZ Datasheet HTML 72Page - Analog Devices ADF4382ABCCZ Datasheet HTML 73Page - Analog Devices ADF4382ABCCZ Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 82 page
background image
Data Sheet
ADF4382A
REGISTER MAP
analog.com
Rev. A | 70 of 82
Table 161. Bit Descriptions for REG021D
Bits
Bit Name
Description
Reset
Access
[7:2]
RESERVED
Reserved.
0x0
R
1
LUT_CORE[12]
Core selected by the LUT.
0x0
R
0
LUT_BAND_12[8]
Band 12 selected by the LUT.
0x0
R
Address: 0x21E, Reset: 0x00, Name: REG021E
Table 162. Bit Descriptions for REG021E
Bits
Bit Name
Description
Reset
Access
[7:0]
LUT_BAND_13[7:0]
Band 13 selected by the LUT.
0x0
R
Address: 0x21F, Reset: 0x00, Name: REG021F
Table 163. Bit Descriptions for REG021F
Bits
Bit Name
Description
Reset
Access
[7:2]
RESERVED
Reserved.
0x0
R
1
LUT_CORE[13]
Core selected by the LUT.
0x0
R
0
LUT_BAND_13[8]
Band 13 selected by the LUT.
0x0
R
Address: 0x220, Reset: 0x00, Name: REG0220
Table 164. Bit Descriptions for REG0220
Bits
Bit Name
Description
Reset
Access
[7:0]
LUT_BAND_14[7:0]
Band 14 selected by the LUT.
0x0
R
Address: 0x221, Reset: 0x00, Name: REG0221
Table 165. Bit Descriptions for REG0221
Bits
Bit Name
Description
Reset
Access
[7:2]
RESERVED
Reserved.
0x0
R
1
LUT_CORE[14]
Core selected by the LUT.
0x0
R
0
LUT_BAND_14[8]
Band 14 selected by the LUT.
0x0
R
Address: 0x222, Reset: 0x00, Name: REG0222
Table 166. Bit Descriptions for REG0222
Bits
Bit Name
Description
Reset
Access
[7:0]
LUT_BAND_15[7:0]
Band 15 selected by the LUT.
0x0
R
Address: 0x223, Reset: 0x00, Name: REG0223
Table 167. Bit Descriptions for REG0223
Bits
Bit Name
Description
Reset
Access
[7:2]
RESERVED
Reserved.
0x0
R
1
LUT_CORE[15]
Core selected by the LUT.
0x0
R
0
LUT_BAND_15[8]
Band 15 selected by the LUT.
0x0
R
Address: 0x224, Reset: 0x00, Name: REG0224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com