Electronic Components Datasheet Search
  English  ▼

X  

LM10506 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM10506
Description  LM10506 Triple Buck LDO Power Management Unit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM10506 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM10506 Datasheet HTML 17Page - Texas Instruments LM10506 Datasheet HTML 18Page - Texas Instruments LM10506 Datasheet HTML 19Page - Texas Instruments LM10506 Datasheet HTML 20Page - Texas Instruments LM10506 Datasheet HTML 21Page - Texas Instruments LM10506 Datasheet HTML 22Page - Texas Instruments LM10506 Datasheet HTML 23Page - Texas Instruments LM10506 Datasheet HTML 24Page - Texas Instruments LM10506 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
LM10506
www.ti.com
SNVS729F – SEPTEMBER 2011 – REVISED AUGUST 2014
Device Functional Modes (continued)
8.3.5 HL_B2, HL_B3 Function
The HL_B2/3 pins are digital pins which control alternate voltage selections of Buck 2 and Buck 3, respectively.
HL_B2 has an internal pulldown which defaults to a 1.8-V output voltage selection for Buck 2. Alternatively, if
HL_B2 is driven high, an output voltage of 3 V (or 2 V for LM10506-A) is selected. HL_B3 has an internal pull-up
which defaults to a 1.2-V output voltage selection for Buck 3. Alternatively, if HL_B3 is driven low, an output
voltage of 1 V is selected. The pull-up resistor is connected to the main input voltage. Transitions of the pins will
not affect the output voltage, the state is only checked during start-up.
8.3.6 Undervoltage Lockout (UVLO)
The VIN voltage is monitored for a supply under voltage condition, for which the operation of the device can not
be ensured. The part will automatically disable Buck 3. To prevent unstable operation, the undervoltage lockout
(UVLO) has a hysteresis window of about 300 mV. An UVLO will force the device into the reset state, all internal
registers are reset. Once the supply voltage is above the UVLO hysteresis, the device will initiate a power-up
sequence and then enter the active state.
Buck 1 and Buck 2 will remain in bypass mode after VIN passes the UVLO until VIN reaches approximately 1.9 V.
When Buck 2 is set to 1.8 V, the voltage will jump from 1.8 V to VUVLO_FALLING, and then follow VIN.
For LM10506 -C, -D,when Buck 1 is re-enabled upon exiting STANDBY, soft start will engage.
The LDO and the Comparator will remain functional past the UVLO threshold until VIN reaches approximately
2.25 V.
8.3.7 Overvoltage Lockout (OVLO)
The VIN voltage is monitored for a supply over voltage condition, for which the operation of the device cannot be
ensured. The purpose of overvoltage lockout (OVLO) is to protect the part and all other consumers connected to
the PMU outputs from any damage and malfunction. Once VIN rises over 5.7 V all the Bucks, and LDO will be
disabled automatically. To prevent unstable operation, the OVLO has a hysteresis window of about 100 mV. An
OVLO will force the device into the reset state; all internal registers are reset. Once the supply voltage is below
the OVLO hysteresis, the device will initiate a power-up sequence, and then enter the active state. Operating
maximum input voltage at which parameters are ensured is 5.5 V. Absolute maximum of the device is 6 V.
8.3.8 Interrupt Enable/Interrupt Status
The LM10506 has 2 interrupt registers, INTERRUPT ENABLE and INTERRUPT STATUS. These registers can
be read via the serial interface. The interrupts are not latched to the register and will always represent the current
state and will not be cleared on a read.
If interrupt condition is detected, then corresponding bit in the INTERRUPT STATUS register (0x0D) is set to '1',
and IRQ output is asserted. There are 5 interrupt generating conditions:
•
Buck 3 output is over flag level (90% when rising, 85% when falling)
•
Buck 2 output is over flag level (90% when rising, 85% when falling)
•
Buck 1 output is over flag level (90% when rising, 85% when falling)
•
LDO is over flag level (90% when rising, 85% when falling
•
Comparator input voltage crosses over selected threshold
Reading the interrupt register will not release IRQ output. Interrupt generation conditions can be individually
enabled or disabled by writing respective bits in INTERRUPT ENABLE register (0x0C) to '1' or '0'.
8.3.9 Thermal Shutdown (TSD)
The temperature of the silicon die is monitored for an over-temperature condition, for which the operation of the
device can not be ensured. The part will automatically be disabled if the temperature is too high. The thermal
shutdown (TSD) will force the device into the reset state. In reset, all circuitry is disabled. To prevent unstable
operation, the TSD has a hysteresis window of about 20°C. Once the temperature has decreased below the TSD
hysteresis, the device will initiate a powerup sequence and then enter the active state. In the active state, the
part will start up as if for the first time, all registers will be in their default state.
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM10506



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com