Electronic Components Datasheet Search
  English  ▼

X  

LM10506 Datasheet(PDF) 42 Page - Texas Instruments

Part # LM10506
Description  LM10506 Triple Buck LDO Power Management Unit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM10506 Datasheet(HTML) 42 Page - Texas Instruments

Back Button LM10506 Datasheet HTML 35Page - Texas Instruments LM10506 Datasheet HTML 36Page - Texas Instruments LM10506 Datasheet HTML 37Page - Texas Instruments LM10506 Datasheet HTML 38Page - Texas Instruments LM10506 Datasheet HTML 39Page - Texas Instruments LM10506 Datasheet HTML 40Page - Texas Instruments LM10506 Datasheet HTML 41Page - Texas Instruments LM10506 Datasheet HTML 42Page - Texas Instruments LM10506 Datasheet HTML 43Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 42 / 43 page
background image
MECHANICAL DATA
YFR0034xxx
www.ti.com
TME34XXX (Rev B)
TOP SIDE OF PACKAGE
BOTTOM SIDE OF PACKAGE
A. All linear dimensions are in millimeters. Dimensioning and tolerancing per ASME Y14.5M-1994.
B. This drawing is subject to change without notice.
NOTES:
4215092/A
12/12
0.600±0.075
D
E
D: Max =
E: Max =
2.84 mm, Min =
2.84 mm, Min =
2.78 mm
2.78 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com