Electronic Components Datasheet Search
  English  ▼

X  

LM10506 Datasheet(PDF) 33 Page - Texas Instruments

Part # LM10506
Description  LM10506 Triple Buck LDO Power Management Unit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM10506 Datasheet(HTML) 33 Page - Texas Instruments

Back Button LM10506 Datasheet HTML 29Page - Texas Instruments LM10506 Datasheet HTML 30Page - Texas Instruments LM10506 Datasheet HTML 31Page - Texas Instruments LM10506 Datasheet HTML 32Page - Texas Instruments LM10506 Datasheet HTML 33Page - Texas Instruments LM10506 Datasheet HTML 34Page - Texas Instruments LM10506 Datasheet HTML 35Page - Texas Instruments LM10506 Datasheet HTML 36Page - Texas Instruments LM10506 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
IRMSCIN = D x I
2
OUT +
©
§
12
I
2
RIPPLE
IOUT x D
CIN x FS
VPPIN =
+ IOUT x ESRCIN
PD_CIN = I
2
RMS_CIN x RESR_CIN
VOUT (VIN - VOUT)
IRMS_CIN = IOUT
VIN
LM10506
www.ti.com
SNVS729F – SEPTEMBER 2011 – REVISED AUGUST 2014
9.2.2.3.2.3.2
Input Capacitor Selection
There are 3 buck regulators in the LM10506 device. Each of these buck regulators has its own input capacitor
which should be located as close as possible to their corresponding SWx_VIN and SWx_GND pins, where x
designates Buck 1, 2, or 3. The 3 buck regulators operate at 120° out of phase, which means that they switch on
at equally spaced intervals, in order to reduce the input power rail ripple. It is recommended to connect all the
supply/ground pins of the buck regulators, SWx_VIN to two solid internal planes located under the device. In this
way, the 3 input capacitors work together and further reduce the input current ripple. A larger tantalum capacitor
can also be located in the proximity of the device.
The input capacitor supplies the AC switching current drawn from the switching action of the internal power
FETs. The input current of a buck converter is discontinuous, so the ripple current supplied by the input capacitor
is large. The input capacitor must be rated to handle both the RMS current and the dissipated power.
The input capacitor must be rated to handle this current:
(6)
The power dissipated in the input capacitor is given by:
(7)
The device is designed to be used with ceramic capacitors on the inputs of the buck regulators. The
recommended dielectric type of these capacitors is X5R, X7R, or of comparable material to maintain proper
tolerances over voltage and temperature. The minimum recommended value for the input capacitor is 10 µF with
an ESR of 10 m
Ω or less. The input capacitors need to be mounted as close as possible to the power/ground
input pins of the device.
The input power source supplies the average current continuously. During the PFET switch on-time, however,
the demanded di/dt is higher than can be typically supplied by the input power source. This delta is supplied by
the input capacitor.
A simplified “worst case” assumption is that all of the PFET current is supplied by the input capacitor. This will
result in conservative estimates of input ripple voltage and capacitor RMS current.
Input ripple voltage is estimated as follows:
where
•
VPPIN: estimated peak-to-peak input ripple voltage,
•
IOUT: Output Current
•
CIN: Input capacitor value
•
ESRCIN: input capacitor ESR.
(8)
This capacitor is exposed to significant RMS current, so it is important to select a capacitor with an adequate
RMS current rating. Capacitor RMS current estimated as follows:
•
IRMSCIN: estimated input capacitor RMS current.
(9)
9.2.2.4 Recommendations For Unused Functions And Pins
If any function is not used in the end application then the following recommendations for tying-off the associated
pins on the circuit boards should be used.
FUNCTION
PIN
IF UNUSED
BUCK1
VIN_B1
Connect to VIN
SW_B1
Connect to VIN
FB_B1
Connect to GND
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: LM10506



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com