Electronic Components Datasheet Search
  English  ▼

X  

LM10506 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM10506
Description  LM10506 Triple Buck LDO Power Management Unit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM10506 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM10506 Datasheet HTML 7Page - Texas Instruments LM10506 Datasheet HTML 8Page - Texas Instruments LM10506 Datasheet HTML 9Page - Texas Instruments LM10506 Datasheet HTML 10Page - Texas Instruments LM10506 Datasheet HTML 11Page - Texas Instruments LM10506 Datasheet HTML 12Page - Texas Instruments LM10506 Datasheet HTML 13Page - Texas Instruments LM10506 Datasheet HTML 14Page - Texas Instruments LM10506 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
3.5
4.0
4.5
5.0
2.970
2.975
2.980
2.985
2.990
2.995
3.000
VIN(V)
3.0
3.5
4.0
4.5
5.0
0.985
0.990
0.995
1.000
1.005
1.010
1.015
VIN(V)
150 200 250 300 350 400 450 500 550 600
1193
1195
1197
1199
1201
1203
1205
1207
1209
1211
1213
IOUT(mA)
3.0
3.5
4.0
4.5
5.0
1.775
1.780
1.785
1.790
1.795
1.800
1.805
VIN(V)
100
150
200
250
300
350
400
2990
2992
2994
2996
2998
3000
3002
3004
3006
3008
3010
IOUT(mA)
150 200 250 300 350 400 450 500 550 600
995
997
999
1001
1003
1005
1007
1009
1011
1013
1015
IOUT(mA)
LM10506
www.ti.com
SNVS729F – SEPTEMBER 2011 – REVISED AUGUST 2014
Typical Characteristics (continued)
VIN = 5 V
VOUT = 3 V
VIN = 5 V
VOUT = 1 V
Figure 7. Buck 2 VOUT vs. IOUT
Figure 8. Buck 3 VOUT vs. IOUT
VIN = 5 V
VOUT = 1.2 V
VOUT = 1.8 V
IOUT = 400 mA
Figure 9. Buck 3 VOUT vs. IOUT
Figure 10. Buck 2 VOUT vs. VIN
VOUT = 3 V
IOUT = 400 mA
VOUT = 1 V
IOUT = 600 mA
Figure 11. Buck 2 VOUT vs. VIN
Figure 12. Buck 3 VOUT vs VIN
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM10506



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com