Electronic Components Datasheet Search
  English  ▼

X  

LM10506 Datasheet(PDF) 29 Page - Texas Instruments

Part # LM10506
Description  LM10506 Triple Buck LDO Power Management Unit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM10506 Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM10506 Datasheet HTML 25Page - Texas Instruments LM10506 Datasheet HTML 26Page - Texas Instruments LM10506 Datasheet HTML 27Page - Texas Instruments LM10506 Datasheet HTML 28Page - Texas Instruments LM10506 Datasheet HTML 29Page - Texas Instruments LM10506 Datasheet HTML 30Page - Texas Instruments LM10506 Datasheet HTML 31Page - Texas Instruments LM10506 Datasheet HTML 32Page - Texas Instruments LM10506 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
LM10506
www.ti.com
SNVS729F – SEPTEMBER 2011 – REVISED AUGUST 2014
Typical Application (continued)
9.2.1 Design Requirements
Table 2. Output Voltage Configurations for LM10506
VOUT if
VOUT if
VOUT if
MAXIMUM
TYPICAL
REGULATOR
H/L=HIGH
H/L=LOW
STANDBY=HIGH
VOUT
OUTPUT
APPLICATIO
COMMENTS
(B2, B3)
(B2, B3)
(STANDBY MODE)
CURRENT
N
1.1 V to 3.6 V;
Buck 1(1)
3 V
3 V
Off
1.3 A
VCC
Flash
50-mV steps
1.1 V to 3.6 V;
Buck 2(1)
3 V
1.8 V
Off
400 mA
VCCQ
Interface
50-mV steps
0.7 V to 1.335 V;
Buck 3(1)
1.2 V
1 V
VNOM - 7%
600 mA
VCORE
Core
5-mV steps
VHOST
Reference for
LDO
3.2 V
3.2 V
3.2 V
N/A
100 mA
controller
Digital
(1)
Default voltage values are determined when working in PWM mode. Voltage may be 0.8-1.6% higher when in PFM mode.
Table 3. Output Voltage Configurations for LM10506-A
VOUT if
VOUT if
VOUT if
MAXIMUM
TYPICAL
REGULATOR
H/L=HIGH
H/L=LOW
STANDBY=HIGH
VOUT
OUTPUT
APPLICATIO
COMMENTS
(B2, B3)
(B2, B3)
(STANDBY MODE)
CURRENT
N
1.1 V to 3.6 V;
Buck 1(1)
3 V
3 V
Off
1.3 A
VCC
Flash
50-mV steps
1.1 V to 3.6 V;
Buck 2(1)
2 V
1.8 V
Off
400 mA
VCCQ
Interface
50-mV steps
0.7 V to 1.335 V;
Buck 3(1)
1.2 V
1 V
VNOM - 7%
600 mA
VCORE
Core
5-mV steps
VHOST
Reference for
LDO
3.2 V
3.2 V
3.2 V
N/A
100 mA
controller
Digital
(1)
Default voltage values are determined when working in PWM mode. Voltage may be 0.8-1.6% higher when in PFM mode.
9.2.2 Detailed Design Procedure
9.2.2.1 Input Voltage
VIN, VIN_B1, VIN_B2, and VIN_B3 must all be connected to the same power source.
9.2.2.2 Standby Mode
Ensure that the device is in a low power mode before entering Standby and throughout the Standby phase. In
Standby mode the device is in a low power mode in which all internal clocks are turned off to conserve power
and Buck 3 will only operate in PFM mode. While limited to PFM mode the loading on Buck 3 should be kept
below 80 mA (typ.) to remain below the PFM/PWM threshold and avoid device shutdown.
9.2.2.3 External Components Selection
All three switchers require an input capacitor and an output inductor-capacitor filter. These components are
critical to the performance of the device. All three switchers are internally compensated and do not require
external components to achieve stable operation. The output voltages of the bucks can be programmed through
the SPI pins.
9.2.2.3.1
Output Inductors & Capacitors Selection
There are several design considerations related to the selection of output inductors and capacitors:
•
Load transient response
•
Stability
•
Efficiency
•
Output ripple voltage
•
Overcurrent ruggedness
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: LM10506



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com