Electronic Components Datasheet Search
  English  ▼

X  

LM10506 Datasheet(PDF) 32 Page - Texas Instruments

Part # LM10506
Description  LM10506 Triple Buck LDO Power Management Unit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM10506 Datasheet(HTML) 32 Page - Texas Instruments

Back Button LM10506 Datasheet HTML 28Page - Texas Instruments LM10506 Datasheet HTML 29Page - Texas Instruments LM10506 Datasheet HTML 30Page - Texas Instruments LM10506 Datasheet HTML 31Page - Texas Instruments LM10506 Datasheet HTML 32Page - Texas Instruments LM10506 Datasheet HTML 33Page - Texas Instruments LM10506 Datasheet HTML 34Page - Texas Instruments LM10506 Datasheet HTML 35Page - Texas Instruments LM10506 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
VROUT = IRIPPLE x ESRCOUT and VCOUT =
8 x FS x COUT
IRIPPLE
VOUT-RIPPLE-PP =
V
2
ROUT + V
2
COUT
8 x FS x COUT
üI
RIPPLE
where üIRIPPLE =
VOUT
VIN
2 x L x FS
D x (VIN - VOUT)
and D =
VOUT-RIPPLE-PP =
VOUT1/2/3
SW1/2/3
L
OUTPUT
CAPACITOR
LM10506
SNVS729F – SEPTEMBER 2011 – REVISED AUGUST 2014
www.ti.com
9.2.2.3.2.3.1
Output Capacitor Selection
The output capacitor of a switching converter absorbs the AC ripple current from the inductor and provides the
initial response to a load transient. The ripple voltage at the output of the converter is the product of the ripple
current flowing through the output capacitor and the impedance of the capacitor. The impedance of the capacitor
can be dominated by capacitive, resistive, or inductive elements within the capacitor, depending on the frequency
of the ripple current. Ceramic capacitors have very low ESR and remain capacitive up to high frequencies. Their
inductive component can usually be neglected at the frequency ranges at which the switcher operates.
The output-filter capacitor smooths out the current flow from the inductor to the load and helps maintain a steady
output voltage during transient load changes. It also reduces output voltage ripple. These capacitors must be
selected with sufficient capacitance and low enough ESR to perform these functions.
Note that the output voltage ripple increases with the inductor current ripple and the Equivalent Series
Resistance of the output capacitor (ESRCOUT). Also note that the actual value of the capacitor’s ESRCOUT is
frequency and temperature dependent, as specified by its manufacturer. The ESR should be calculated at the
applicable switching frequency and ambient temperature.
(3)
Output ripple can be estimated from the vector sum of the reactive (capacitance) voltage component and the real
(ESR) voltage component of the output capacitor where:
(4)
where:
•
VOUT-RIPPLE-PP: estimated output ripple,
•
VROUT: estimated real output ripple,
•
VCOUT: estimated reactive output ripple.
(5)
The device is designed to be used with ceramic capacitors on the outputs of the buck regulators. The
recommended dielectric type of these capacitors is X5R, X7R, or of comparable material to maintain proper
tolerances over voltage and temperature. The recommended value for the output capacitors is 22
μF, 6.3V with
an ESR of 2 m
Ω or less. The output capacitors need to be mounted as close as possible to the output/ground
pins of the device.
Table 5. Recommended Output Capacitors
MODEL
TYPE
VENDOR
VOLTAGE RATING (V)
CASE SIZE
08056D226MAT2A
Ceramic, X5R
AVX Corporation
6.3
0805, (2012)
C0805L226M9PACTU
Ceramic, X5R
Kemet
6.3
0805, (2012)
ECJ-2FB0J226M
Ceramic, X5R
Panasonic - ECG
6.3
0805, (2012)
JMK212BJ226MG-T
Ceramic, X5R
Taiyo Yuden
6.3
0603, (1608)
C2012X5R0J226M
Ceramic, X5R
TDK Corporation
6.3
0603, (1608)
32
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: LM10506



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com