Electronic Components Datasheet Search
  English  ▼

X  

LM10506 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM10506
Description  LM10506 Triple Buck LDO Power Management Unit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM10506 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM10506 Datasheet HTML 2Page - Texas Instruments LM10506 Datasheet HTML 3Page - Texas Instruments LM10506 Datasheet HTML 4Page - Texas Instruments LM10506 Datasheet HTML 5Page - Texas Instruments LM10506 Datasheet HTML 6Page - Texas Instruments LM10506 Datasheet HTML 7Page - Texas Instruments LM10506 Datasheet HTML 8Page - Texas Instruments LM10506 Datasheet HTML 9Page - Texas Instruments LM10506 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
LM10506
SNVS729F – SEPTEMBER 2011 – REVISED AUGUST 2014
www.ti.com
7.5 General Electrical Characteristics
(1) (2)
Unless otherwise noted, VIN = 5 V where: VIN = VVIN_B1 = VVIN_B2 = VVIN_B3. Limits apply for TJ = 25°C, unless otherwise noted.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IQ(STANDBY)
Quiescent supply current
STANDBY = HIGH, no load
100
200(3)
µA
UNDER/OVERVOLTAGE LOCK OUT
VUVLO_RISING
2.90
VUVLO_FALLING
2.60
V
VOVLO_RISING
5.82
VOVLO_FALLING
5.70
DIGITAL INTERFACE
VIL
Logic input low
0.3*VIN_IO(3)
SPI_CS, SPI_DI, SPI_CLK,
RESET, STANDBY
VIH
Logic input high
0.7*VIN_IO(3)
VIL
Logic input low
0.3*VIN(3)
HL_B2, HL_B3
V
VIH
Logic input high
0.7*VIN(3)
VOL
Logic output low
0.2*VIN_IO(3)
SPI_DO, IRQ
VOH
Logic output high
0.8*VIN_IO(3)
SPI_CS, SPI_DI, SPI_CLK,
−2
HL_B2, STANDBY
IIL
Input current, pin driven low
µA
HL_B3, RESET
−5
SPI_CS, SPI_DI, SPI_CLK,
2
HL_B3, RESET
IIH
Input current, pin driven high
µA
HL_B2, STANDBY
5
fSPI_MAX
SPI max frequency
10(3)
MHz
tRESET
2(3)
Minimum high-pulse width (4)
µs
tSTANDBY
2(3)
(1)
All limits are ensured by design, test and/or statistical analysis. All electrical characteristics having room-temperature limits are tested
during production with TJ = 25°C. All hot and cold limits are ensured by correlating the electrical characteristics to process and
temperature variations and applying statistical process control.
(2)
Capacitors: Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) are used in setting electrical characteristics.
(3)
Limits apply over the entire operating junction temperature range of
−40°C ≤ TA = TJ ≤ 85°C.
(4)
Specification ensured by design. Not tested during production.
6
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: LM10506



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com