Electronic Components Datasheet Search
  English  ▼

X  

LM10506 Datasheet(PDF) 34 Page - Texas Instruments

Part # LM10506
Description  LM10506 Triple Buck LDO Power Management Unit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM10506 Datasheet(HTML) 34 Page - Texas Instruments

Back Button LM10506 Datasheet HTML 30Page - Texas Instruments LM10506 Datasheet HTML 31Page - Texas Instruments LM10506 Datasheet HTML 32Page - Texas Instruments LM10506 Datasheet HTML 33Page - Texas Instruments LM10506 Datasheet HTML 34Page - Texas Instruments LM10506 Datasheet HTML 35Page - Texas Instruments LM10506 Datasheet HTML 36Page - Texas Instruments LM10506 Datasheet HTML 37Page - Texas Instruments LM10506 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
1
10
100
1k
10k
20
30
40
50
60
70
80
90
100
IOUT(mA)
1
10
100
1000
20
30
40
50
60
70
80
90
100
IOUT(mA)
VOUT = 1.8V
VOUT = 3.0V
LM10506
SNVS729F – SEPTEMBER 2011 – REVISED AUGUST 2014
www.ti.com
FUNCTION
PIN
IF UNUSED
BUCK2
VIN_B2
Connect to VIN
SW_B2
Connect to VIN
FB_B2
Connect to GND
BUCK3
VIN_B3
Connect to VIN
SW_B3
Connect to VIN
FB_B3
Connect to GND
SPI
SPI_CS
Connect to VIN_IO
SPI_DI
Connect to GND
SPI_DO
Connect to GND
SPI_CK
Connect to GND
HL_B2
Connect to GND
HL_B3
Connect to VIN
STANDBY
Connect to GND
RESET
Connect to VIN_IO
COMPARATOR
VCOMP
Connect to VIN
IRQ
Leave open
9.2.3 Application Curves
VIN = 5 V
VOUT = 3 V
VIN = 5 V
VOUT = 1.8 V and 3 V
Figure 27. Efficiency Of Buck 1
Figure 28. Efficiency Of Buck 2
34
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: LM10506



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com