Electronic Components Datasheet Search
  English  ▼

X  

LM10506 Datasheet(PDF) 31 Page - Texas Instruments

Part # LM10506
Description  LM10506 Triple Buck LDO Power Management Unit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM10506 Datasheet(HTML) 31 Page - Texas Instruments

Back Button LM10506 Datasheet HTML 27Page - Texas Instruments LM10506 Datasheet HTML 28Page - Texas Instruments LM10506 Datasheet HTML 29Page - Texas Instruments LM10506 Datasheet HTML 30Page - Texas Instruments LM10506 Datasheet HTML 31Page - Texas Instruments LM10506 Datasheet HTML 32Page - Texas Instruments LM10506 Datasheet HTML 33Page - Texas Instruments LM10506 Datasheet HTML 34Page - Texas Instruments LM10506 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
0402, 6.3V, X5R
0603, 10V, X5R
0
1.0
2.0
3.0
4.0
5.0
DC BIAS (V)
20
40
60
80
100
LM10506
www.ti.com
SNVS729F – SEPTEMBER 2011 – REVISED AUGUST 2014
9.2.2.3.2.2.1
Suggested Inductors and Their Suppliers
The designer should choose the inductors that best match the system requirements. A very wide range of
inductors are available as regarding physical size, height, maximum current (thermally limited, and inductance
loss limited), series resistance, maximum operating frequency, losses, etc. In general, smaller physical size
inductors will have higher series resistance (DCR) and implicitly lower overall efficiency is achieved. Very low-
profile inductors may have even higher series resistance. The designer should try to find the best compromise
between system performance and cost.
Table 4. Recommended Inductors
VALUE (µH)
MANUFACTURER
PART NUMBER
DCR (m
Ω)
CURRENT (A)
PACKAGE
2.2
Murata
LQH55PN2R2NR0L
31
2.5
2220
2.2
TDK
NLC565050T-2R2K-PF
60
1.3
2220
2.2
Murata
LQM2MPN2R2NG0
110
1.2
806
2.2
Coilcraft
LPS3015-222MLB
110
2.0
3015
2.2
Vishay
IFSC-1008AB-ER-2R2
90
2.15
2520
9.2.2.3.2.3
Output And Input Capacitors Characteristics
Special attention should be paid when selecting these components. As shown in Figure 26, the DC bias of these
capacitors can result in a capacitance value that falls below the minimum value given in the recommended
capacitor specifications table. Note that the graph shows the capacitance out of spec for the 0402 case size
capacitor at higher bias voltages. It is therefore recommended that the capacitor manufacturers’ specifications for
the nominal value capacitor are consulted for all conditions, as some capacitor sizes (for example, 0402) may not
be suitable in the actual application.
Figure 26. Typical Variation In Capacitance vs.
DC Bias
The ceramic capacitor’s capacitance can vary with temperature. The capacitor type X7R, which operates over a
temperature range of
−55°C to 125°C, will only vary the capacitance to within ±15%. The capacitor type X5R has
a similar tolerance over a reduced temperature range of
−55°C to 85°C. Many large value ceramic capacitors,
larger than 1 µF are manufactured with Z5U or Y5V temperature characteristics. Their capacitance can drop by
more than 50% as the temperature varies from 25°C to 85°C. Therefore X7R is recommended over Z5U and
Y5V in applications where the ambient temperature will change significantly above or below 25°C.
Tantalum capacitors are less desirable than ceramic for use as output capacitors because they are more
expensive when comparing equivalent capacitance and voltage ratings in the 0.47 µF to 44 µF range. Another
important consideration is that tantalum capacitors have higher ESR values than equivalent size ceramics. This
means that while it may be possible to find a tantalum capacitor with an ESR value within the stable range, it
would have to be larger in capacitance (which means bigger and more costly) than a ceramic capacitor with the
same ESR value. It should also be noted that the ESR of a typical tantalum will increase about 2:1 as the
temperature goes from 25°C down to
−40°C, so some guard band must be allowed.
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: LM10506



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com