Electronic Components Datasheet Search
  English  ▼

X  

LM10506 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM10506
Description  LM10506 Triple Buck LDO Power Management Unit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM10506 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM10506 Datasheet HTML 3Page - Texas Instruments LM10506 Datasheet HTML 4Page - Texas Instruments LM10506 Datasheet HTML 5Page - Texas Instruments LM10506 Datasheet HTML 6Page - Texas Instruments LM10506 Datasheet HTML 7Page - Texas Instruments LM10506 Datasheet HTML 8Page - Texas Instruments LM10506 Datasheet HTML 9Page - Texas Instruments LM10506 Datasheet HTML 10Page - Texas Instruments LM10506 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
LM10506
www.ti.com
SNVS729F – SEPTEMBER 2011 – REVISED AUGUST 2014
7.6 Buck 1 Electrical Characteristics
(1) (2) (3)
Unless otherwise noted, VIN = 5 V where: VIN = VVIN_B1 = VVIN_B2 = VVIN_B3. Limits apply for TJ = 25°C, unless otherwise noted.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IQ
DC bias current in VIN
No Load, PFM Mode
15
50(4)
µA
Buck 1 enabled, switching in
IPEAK
Peak switching current limit
1.6(4)
1.8
2.1(4)
A
PWM
η
Efficiency peak, Buck 1 (5)
IOUT = 0.3 A
90%
ƒSW
Switching frequency
1.75(4)
2
2.3(4)
MHz
CIN
Input capacitor (5)
4.7
µF
Output filter capacitor (5)
10
10
100
COUT
0 mA
≤ IOUT ≤ 1.3 A
Output capacitor ESR (5)
20
m
Ω
L
Output filter inductance (5)
2.2
µH
DC line regulation (5)
3.3 V
≤ VIN ≤ 5 V, IOUT = 1.3 A
0.5
%/V
ΔVOUT
DC load regulation (5)
0.13 A
≤ IOUT ≤ 1.3 A
0.3
%/A
Feedback pin input bias
IFB
VFB = 3 V
2.1
5(4)
µA
current
135
RDS-ON-HS
High side switch on resistance
m
Ω
VIN = 2.6 V
215
RDS-ON-LS
Low side switch on resistance
85
190(4)
m
Ω
Used in parallel with the high
side FET while in Bypass
mode. Resistance (DCR) of
RDS-ON_BYPASS Bypass FET on resistance
inductor = 100 m
Ω
VIN = 3.3 V
85
m
Ω
VIN = 2.6 V
120
STARTUP
Start-up from shutdown, VOUT
= 0V, no load, LC =
Internal soft-start (turn on
TSTART
recommended circuit, using
0.1
ms
time) (5)
software enable, to VOUT =
95% of final value
(1)
All limits are ensured by design, test and/or statistical analysis. All electrical characteristics having room-temperature limits are tested
during production with TJ = 25°C. All hot and cold limits are ensured by correlating the electrical characteristics to process and
temperature variations and applying statistical process control.
(2)
Capacitors: Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) are used in setting electrical characteristics.
(3)
BUCK normal operation is ensured if VIN ≥ VOUT+1 V.
(4)
Limits apply over the entire operating junction temperature range of
−40°C ≤ TA = TJ ≤ 85°C.
(5)
Specification ensured by design. Not tested during production.
7.7 Buck 2 Electrical Characteristics
(1) (2) (3)
Unless otherwise noted, VIN = 5 V where: VIN = VVIN_B1 = VVIN_B2 = VVIN_B3. Limits apply for TJ = 25°C, unless otherwise noted.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IQ
DC bias current in VIN
No Load, PFM Mode
15
50(4)
µA
Buck 2 enabled, switching in
IPEAK
Peak switching current limit
0.65(4)
1.1
1.55(4)
A
PWM
η
Efficiency peak, Buck 2 (5)
IOUT = 0.3 A
90%
ƒSW
Switching frequency
1.75(4)
2
2.3(4)
MHz
(1)
All limits are ensured by design, test and/or statistical analysis. All electrical characteristics having room-temperature limits are tested
during production with TJ = 25°C. All hot and cold limits are ensured by correlating the electrical characteristics to process and
temperature variations and applying statistical process control.
(2)
Capacitors: Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) are used in setting electrical characteristics.
(3)
BUCK normal operation is ensured if VIN ≥ VOUT+1 V.
(4)
Limits apply over the entire operating junction temperature range of
−40°C ≤ TA = TJ ≤ 85°C.
(5)
Specification ensured by design. Not tested during production.
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM10506



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com