Electronic Components Datasheet Search
  English  ▼

X  

LM10506 Datasheet(PDF) 14 Page - Texas Instruments

Part # LM10506
Description  LM10506 Triple Buck LDO Power Management Unit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM10506 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM10506 Datasheet HTML 10Page - Texas Instruments LM10506 Datasheet HTML 11Page - Texas Instruments LM10506 Datasheet HTML 12Page - Texas Instruments LM10506 Datasheet HTML 13Page - Texas Instruments LM10506 Datasheet HTML 14Page - Texas Instruments LM10506 Datasheet HTML 15Page - Texas Instruments LM10506 Datasheet HTML 16Page - Texas Instruments LM10506 Datasheet HTML 17Page - Texas Instruments LM10506 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
SW
U1
LM10506
COUT
CONTROL
PVIN
PGND
FB
CIN
L
P
N
S
S
D
D
G
G
GND
LM10506
SNVS729F – SEPTEMBER 2011 – REVISED AUGUST 2014
www.ti.com
Feature Description (continued)
Figure 18. Buck Functional Diagram
During the first portion of each switching cycle, the control block turns on the internal PFET switch. This allows
current to flow from the input through the inductor to the output filter capacitor and load. The inductor limits the
current to a ramp with a slope of (VIN – VOUT)/L by storing energy in a magnetic field. During the second portion
of each cycle, the control block turns the PFET switch off, blocking current flow from the input, and then turns the
NFET synchronous rectifier on. The inductor draws current from ground through the NFET to the output filter
capacitor and load, which ramps the inductor current down with a slope of (–VOUT)/L.
The output filter stores charge when the inductor current is high, and releases it when low, smoothing the voltage
across the load. The output voltage is regulated by modulating the PFET switch on time to control the average
current sent to the load. The effect is identical to sending a duty-cycle modulated rectangular wave formed by the
switch and synchronous rectifier at the SW pin to a low-pass filter formed by the inductor and output filter
capacitor. The output voltage is equal to the average voltage at the SW pin.
8.2.1.1 Buck Regulators Description
The LM10506 incorporates three high-efficiency synchronous switching buck regulators that deliver various
voltages from a single DC input voltage. They include many advanced features to achieve excellent voltage
regulation, high efficiency and fast transient response time. The bucks feature voltage mode architecture with
synchronous rectification.
Each of the switching regulators is specially designed for high-efficiency operation throughout the load range.
With a 2MHz typical switching frequency, the external L- C filter can be small and still provide very low output
voltage ripple. The bucks are internally compensated to be stable with the recommended external inductors and
capacitors as detailed in the application diagram. Synchronous rectification yields high efficiency for low voltage
and high output currents.
All bucks can operate up to a 100% duty cycle allowing for the lowest possible input voltage that still maintains
the regulation of the output. The lowest input to output dropout voltage is achieved by keeping the PMOS switch
on.
Additional features include soft-start, undervoltage lockout, bypass, and current and thermal overload protection.
To reduce the input current ripple, the device employs a control circuit that operates the 3 bucks at 120° phase.
These bucks are nearly identical in performance and mode of operation. They can operate in FPWM (forced
PWM) or automatic mode (PWM/PFM).
8.2.1.2 PWM Operation
During PWM operation the converter operates as a voltage-mode controller with input voltage feed forward. This
allows the converter to achieve excellent load and line regulation. The DC gain of the power stage is proportional
to the input voltage. To eliminate this dependence, a feed forward voltage inversely proportional to the input
voltage is introduced.
In Forced PWM Mode the bucks always operate in PWM mode regardless of the output current.
14
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: LM10506



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com