Electronic Components Datasheet Search
  English  ▼

X  

68HC05PL4 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # 68HC05PL4
Description  Industry standard 8-bit M68HC05 CPU core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05PL4 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button 68HC05PL4 Datasheet HTML 18Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 19Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 20Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 21Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 22Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 23Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 24Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 25Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 98 page
background image
GENERAL RELEASE SPECIFICATION
April 30, 1998
CENTRAL PROCESSING UNIT
MC68HC05PL4
3-2
REV 2.0
3.2
ACCUMULATOR (A)
The accumulator is a general purpose 8-bit register as shown in Figure 3-1. The
CPU uses the accumulator to hold operands and results of arithmetic calculations
or non-arithmetic operations. The accumulator is not affected by a reset of the
device.
3.3
INDEX REGISTER (X)
The index register shown in Figure 3-1 is an 8-bit register that can perform two
functions:
•
Indexed addressing
•
Temporary storage
In indexed addressing with no offset, the index register contains the low byte of
the operand address, and the high byte is assumed to be $00. In indexed
addressing with an 8-bit offset, the CPU nds the oper and address by adding the
index register content to an 8-bit immediate value. In indexed addressing with a
16-bit offset, the CPU nds the operand address by adding the index register
content to a 16-bit immediate value.
The index register can also serve as an auxiliary accumulator for temporary
storage. The index register is not affected by a reset of the device.
3.4
STACK POINTER (SP)
The stack pointer shown in Figure 3-1 is a 16-bit register. In MCU devices with
memory space less than 64k-bytes the unimplemented upper address lines are
ignored. The stack pointer contains the address of the next free location on the
stack. During a reset or the reset stack pointer (RSP) instruction, the stack pointer
is set to $00FF. The stack pointer is then decremented as data is pushed onto the
stack and incremented as data is pulled off the stack.
When accessing memory, the ten most signi cant bits are permanently set to
0000000011. The six least signi cant register bits are appended to these ten x ed
bits to produce an address within the range of $00FF to $00C0. Subroutines and
interrupts may use up to 64($C0) locations. If 64 locations are exceeded, the
stack pointer wraps around and overwrites the previously stored information. A
subroutine call occupies two locations on the stack and an interrupt uses ve
locations.
3.5
PROGRAM COUNTER (PC)
The program counter shown in Figure 3-1 is a 16-bit register. In MCU devices
with memory space less than 64k-bytes the unimplemented upper address lines
are ignored. The program counter contains the address of the next instruction or
operand to be fetched.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com