Electronic Components Datasheet Search
  English  ▼

X  

68HC05PL4 Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # 68HC05PL4
Description  Industry standard 8-bit M68HC05 CPU core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05PL4 Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button 68HC05PL4 Datasheet HTML 57Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 58Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 59Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 60Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 61Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 62Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 63Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 64Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 98 page
background image
April 30, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05PL4
16-BIT PROGRAMMABLE TIMER
REV 2.0
9-11
9.7
16-BIT TIMER OPERATION DURING WAIT MODE
During WAIT mode the 16-bit timer continues to operate normally and may gener-
ate an interrupt to trigger the MCU out of the WAIT mode.
9.8
16-BIT TIMER OPERATION DURING STOP MODE
When the MCU enters the STOP mode the free-running counter stops counting
(the internal processor clock is stopped). It remains at that particular count value
until the STOP mode is exited by applying a low signal to the IRQ pin, at which
time the counter resumes from its stopped value as if nothing had happened. If
STOP mode is exited via an external reset (logic low applied to the RESET pin)
the counter is forced to timer interrupt vector.
If a valid input capture edge occurs at the PA2/TCAP pin during the STOP mode
the input capture detect circuitry will be armed. This action does not set any ags
or “wake up” the MCU, but when the MCU does “wake up” there will be an active
input capture ag (and data) from the rst v alid edge. If the STOP mode is exited
by an external reset, no input capture ag or data will be present even if a valid
input capture edge was detected during the STOP mode.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com