Electronic Components Datasheet Search
  English  ▼

X  

68HC05PL4 Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # 68HC05PL4
Description  Industry standard 8-bit M68HC05 CPU core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05PL4 Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button 68HC05PL4 Datasheet HTML 65Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 66Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 67Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 68Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 69Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 70Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 71Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 72Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 98 page
background image
April 30, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05PL4
INSTRUCTION SET
REV 2.0
12-1
SECTION 12
INSTRUCTION SET
This section describes the addressing modes and instruction types.
12.1
ADDRESSING MODES
The CPU uses eight addressing modes for exibility in accessing data. The
addressing modes de ne the manner in which the CPU nds the data required to
execute an instruction. The eight addressing modes are the following:
•
Inherent
•
Immediate
•
Direct
•
Extended
•
Indexed, No Offset
•
Indexed, 8-Bit Offset
•
Indexed, 16-Bit Offset
•
Relative
12.1.1 Inherent
Inherent instructions are those that have no operand, such as return from interrupt
(RTI) and stop (STOP). Some of the inherent instructions act on data in the CPU
registers, such as set carry ag (SEC) and increment accumulator (INCA).
Inherent instructions require no memory address and are one byte long.
12.1.2 Immediate
Immediate instructions are those that contain a value to be used in an operation
with the value in the accumulator or index register. Immediate instructions require
no memory address and are two bytes long. The opcode is the rst b yte, and the
immediate data value is the second byte.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com