Electronic Components Datasheet Search
  English  ▼

X  

68HC05PL4 Datasheet(PDF) 91 Page - Freescale Semiconductor, Inc

Part # 68HC05PL4
Description  Industry standard 8-bit M68HC05 CPU core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05PL4 Datasheet(HTML) 91 Page - Freescale Semiconductor, Inc

Back Button 68HC05PL4 Datasheet HTML 87Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 88Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 89Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 90Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 91Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 92Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 93Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 94Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 95Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 98 page
background image
April 30, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05PL4
REV 2.0
A-1
APPENDIX A
MC68HC705PL4
This appendix describes the MC68HC705PL4 and MC68HC705PL4B, the emula-
tion parts for MC68HC05PL4 and MC68HC05PL4B respectively. The entire
MC68HC05PL4
data
sheet
applies
to
the
MC68HC705PL4
and
MC68HC705PL4B, with exceptions outlined in this appendix.
References to MC68HC705PL4 in this appendix refers to both the
MC68HC705PL4 and MC68HC705PL4B devices, unless otherwise stated.
A.1
INTRODUCTION
The MC68HC705PL4 is an EPROM version of the MC68HC705PL4, and the
MC68HC705PL4B is an EPROM version of the MC68HC705PL4B. Both HC705
parts are used as the emulation part for their MC68HC05 counterparts. Both
MC68HC705 parts are functionally identical to their MC68HC05 counterparts,
with the exception of the 4k-bytes user ROM is replaced by 4k-bytes user
EPROM.
A.2
MEMORY
The MC68HC705PL4 memory map is shown on Figure A-1.
A.3
BOOTLOADER MODE
Bootloader mode is entered upon the rising edge of RESET if LED/IRQ/VPP pin is
at VTST and PB0/KBI0 at VDD. The Bootloader program is masked in the ROM
area from $1E00 to $1FEF. This program handles copying of user code from an
external EPROM into the on-chip EPROM. The bootload function has to be done
from an external EPROM. The bootloader performs one programming pass at
1ms per byte then does a verify pass.
A.4
EPROM PROGRAMMING
Programming the on-chip EPROM is achieved by using the Program Control Reg-
ister located at address $001E.
Please contact Freescale for programming board availability.
Table A-1. MC68HC705PL4 and MC68HC705PL4B Differences
Device
Pin27
MC68HC705PL4
PA0
MC68HC705PL4B
OSC2
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com