Electronic Components Datasheet Search
  English  ▼

X  

68HC05PL4 Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # 68HC05PL4
Description  Industry standard 8-bit M68HC05 CPU core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05PL4 Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button 68HC05PL4 Datasheet HTML 63Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 64Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 65Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 66Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 67Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 68Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 69Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 70Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 98 page
background image
April 30, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05PL4
DIGITAL TO ANALOG CONVERTER
REV 2.0
11-1
SECTION 11
DIGITAL TO ANALOG CONVERTER
This section describes Digital-to-Analog module used for DTMF generation.
11.1
DAC CONTROL AND DATA REGISTER
DACEN - DAC Channel Enable
Ths read/write bit enables/disables the DAC module for DTMF output.
1 = Enable DAC module and con gure PA1/DTMF as DTMF output pin.
0 = Disable DAC module and con gure PA1/DTMF as general purpose
PA1 pin.
DA5-DA0
These bits determine the output voltage of the DAC channel. The output volt-
age value is determined by:
VOUT = (VDD x DA[0:5]) x 26
There are 64 evenly spaced voltage levels available between VDD and VSS. The
lowest voltage is VSS and the highest voltage is 63/64VDD.
11.2
DAC OPERATION DURING WAIT MODE
In WAIT mode, the DAC continues to output a xed voltage level which is set by
the DA5-DA0 bits. The DAC should be disabled by clearing the DACEN bit if fur-
ther power saving is required in WAIT mode.
11.3
DAC OPERATION DURING STOP MODE
In STOP mode, the DAC continues to output a x ed voltage level which is set by
the DA5-DA0 bits. The DAC should be disabled by clearing the DACEN bit if fur-
ther power saving is required in STOP mode.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
DACDR R
DACEN
0
DA5
DA4
DA3
DA2
DA1
DA0
$000F
W
reset:
00000000
Figure 11-1. DAC Control and Data Register
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com