Electronic Components Datasheet Search
  English  ▼

X  

68HC05PL4 Datasheet(PDF) 92 Page - Freescale Semiconductor, Inc

Part # 68HC05PL4
Description  Industry standard 8-bit M68HC05 CPU core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05PL4 Datasheet(HTML) 92 Page - Freescale Semiconductor, Inc

Back Button 68HC05PL4 Datasheet HTML 88Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 89Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 90Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 91Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 92Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 93Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 94Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 95Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 96Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 98 page
background image
GENERAL RELEASE SPECIFICATION
April 30, 1998
MC68HC05PL4
A-2
REV 2.0
Figure A-1. MC68HC705PL4B Memory Map
A.4.1 EPROM Program Control Register (PCN)
This register is provided for programming the on-chip EPROM in the
MC68HC705PL4.
ELAT – EPROM LATch control
0 = EPROM address and data bus con gured f or normal reads
1 = EPROM address and data bus con gured for programming (writes
to EPROM cause address and data to be latched). EPROM is in
programming mode and cannot be read if ELAT is 1. This bit should
not be set when no programming voltage is applied to the VPP pin.
PCR
$001E
bit-7
bit-6
bit-5
bit4
bit-3
bit-2
bit1
bit-0
Read
RESERVED
ELAT
PGM
Write
Reset
0000
0
000
I/O REGISTERS
32 BYTES
USER RAM
256 BYTES
UNUSED
USER EPROM
4096 BYTES
BOOTSTRAP ROM
496 BYTES
$0000
$001F
$0020
$011F
$0120
$0DFF
$0E00
$1DFF
$1E00
$1FEF
$1FFF
$1FF0
$00C0
$00FF
STACK
64 BYTES
USER VECTORS
16 BYTES
RESERVED
RESERVED
KEYBOARD
8-BIT TIMER
16-BIT TIMER
IRQ
SWI
RESET
$1FF0-$1FF1
$1FF2-$1FF3
$1FF4-$1FF5
$1FF6-$1FF7
$1FF8-$1FF9
$1FFA-$1FFB
$1FFC-$1FFD
$1FFE-$1FFF
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com