Electronic Components Datasheet Search
  English  ▼

X  

68HC05PL4 Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # 68HC05PL4
Description  Industry standard 8-bit M68HC05 CPU core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05PL4 Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button 68HC05PL4 Datasheet HTML 37Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 38Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 39Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 40Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 41Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 42Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 43Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 44Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 98 page
background image
April 30, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05PL4
OPERATING MODES
REV 2.0
6-1
SECTION 6
OPERATING MODES
This section describes the various operating modes of the MC68HC05PL4.
6.1
OPERATING MODES
The MC68HC05PL4 has two operating modes: Single-Chip (Normal) Mode and
Self-Check Mode.
At the rising edge of the RESET, the device latches the states of LED/IRQ and
PB0/KBI0 pins and places itself in the speci ed mode . RESET must be held low
for the prede ned power-on reset cycles of the internal PH2 clock after POR, or
for a time tRL for any other reset.
The conditions required to enter each mode are shown in Table 6-1. The mode of
operation is determined by the voltages on the LED/IRQ and PB0/KBI0 pins on
the rising edge of the external RESET pin.
6.1.1 Single-chip (Normal) Mode
The Single-Chip Mode is the normal operating mode, and it allows the device to
function as a self-contained microcontroller, with maximum use of the pins for on-
chip peripheral functions.
In the Single-Chip Mode all address and data activity occurs within the MCU and
is not available externally. Single-Chip Mode is entered if the LED/IRQ pin is within
the normal operating voltage range when the rising edge of a RESET occurs. In
Single-Chip Mode, all I/O port pins are available.
6.1.2 Self-check Mode
The self-check program is mask at location $1E00 to $1FEF, and is used for
checking device functionality under minimum hardware support.
Table 6-1. Operation Mode Condition After Reset
RESET Pin
LED/IRQ
PB0/KBI0
MODE
VSS to VDD
VSS to VDD
Single-Chip (Normal)
VTST
VDD
Self-Check
VTST = 2 x VDD
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com