Electronic Components Datasheet Search
  English  ▼

X  

68HC05PL4 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 68HC05PL4
Description  Industry standard 8-bit M68HC05 CPU core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05PL4 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 68HC05PL4 Datasheet HTML 2Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 3Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 4Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 5Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 6Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 7Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 8Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 9Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 98 page
background image
GENERAL RELEASE SPECIFICATION
April 30, 1998
MC68HC05PL4
iv
REV 2.0
TABLE OF CONTENTS
Section
Page
12.1.7
Indexed, 16-Bit Offset................................................................................ 12-3
12.1.8
Relative...................................................................................................... 12-3
12.1.9
Instruction Types ....................................................................................... 12-3
12.1.10 Register/Memory Instructions.................................................................... 12-4
12.1.11 Read-Modify-Write Instructions ................................................................. 12-5
12.1.12 Jump/Branch Instructions .......................................................................... 12-5
12.1.13 Bit Manipulation Instructions...................................................................... 12-7
12.1.14 Control Instructions.................................................................................... 12-7
12.1.15 Instruction Set Summary ........................................................................... 12-8
SECTION 13
ELECTRICAL SPECIFICATIONS
13.1 MAXIMUM RATINGS..................................................................................... 13-1
13.2 OPERATING TEMPERATURE RANGE........................................................ 13-1
13.3 THERMAL CHARACTERISTICS................................................................... 13-1
13.4 SUPPLY CURRENT CHARACTERISTICS ................................................... 13-2
13.5 DC ELECTRICAL CHARACTERISTICS (4V)................................................ 13-3
13.6 DC ELECTRICAL CHARACTERISTICS (2V)................................................ 13-4
13.7 CONTROL TIMING (4V)................................................................................ 13-5
13.8 CONTROL TIMING (2V)................................................................................ 13-5
SECTION 14
MECHANICAL SPECIFICATIONS
14.1 28-PIN PDIP (CASE 710) .............................................................................. 14-1
14.2 28-PIN SOIC (CASE 751F)............................................................................ 14-1
14.3 28-PIN SSOP................................................................................................. 14-2
APPENDIX A
MC68HC705PL4
A.1
INTRODUCTION .............................................................................................A-1
A.2
MEMORY.........................................................................................................A-1
A.3
BOOTLOADER MODE ....................................................................................A-1
A.4
EPROM PROGRAMMING...............................................................................A-1
A.4.1
EPROM Program Control Register (PCN)...................................................A-2
A.4.2
Programming Sequence..............................................................................A-3
A.5
EPROM PROGRAMMING SPECIFICATIONS................................................A-3
A.6
SUPPLY CURRENT CHARACTERISTICS .....................................................A-6
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com