Electronic Components Datasheet Search
  English  ▼

X  

68HC05PL4 Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # 68HC05PL4
Description  Industry standard 8-bit M68HC05 CPU core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05PL4 Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button 68HC05PL4 Datasheet HTML 48Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 49Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 50Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 51Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 52Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 53Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 54Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 55Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 98 page
background image
GENERAL RELEASE SPECIFICATION
April 30, 1998
16-BIT PROGRAMMABLE TIMER
MC68HC05PL4
9-2
REV 2.0
The basis of the capture/compare Timer is a 16-bit free-running counter which
increases in count with each internal bus clock cycle. The counter is the timing ref-
erence for the input capture and output compare functions. The input capture and
output compare functions provide a means to latch the times at which external
events occur, to measure input waveforms, and to generate output waveforms and
timing delays. Software can read the value in the 16-bit free-running counter at
any time without affect the counter sequence.
Because of the 16-bit timer architecture, the I/O registers for the input capture and
output compare functions are pairs of 8-bit registers. Each register pair contains
the high and low byte of that function. Generally, accessing the low byte of a spe-
ci c timer function allows full control of that function; however, an access of the
high byte inhibits that speci c timer function until the lo w byte is also accessed.
Because the counter is 16 bits long and preceded by a x ed divide-by-four pres-
caler, the counter rolls over every 262,144 internal clock cycles. Timer resolution
with a 4 MHz crystal oscillator is 2 microsecond/count.
The interrupt capability, the input capture edge, and the output compare state are
controlled by the timer control register (TCR) located at $0012 and the status of
the interrupt ags can be read from the timer status register (TSR) located at
$0013.
9.1
TIMER REGISTERS (TMRH, TMRL)
The functional block diagram of the 16-bit free-running timer counter and timer
registers is shown in Figure 9-2. The timer registers include a transparent buffer
latch on the LSB of the 16-bit timer counter.
Figure 9-2. Timer Counter and Register Block Diagram
TMRH ($0018)
TMR LSB
16-BIT COUNTER
÷ 4
INTERNAL
(XTAL ÷2)
TIMER CONTROL REG.
TIMER
REQUEST
OVERFLOW (TOF)
RESET
CLOCK
INTERRUPT
TMRL ($0019)
TIMER STATUS REG.
$0012
$0013
INTERNAL
($FFFC)
DATA
READ
TMRH
READ
TMRL
READ
LATCH
BUS
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com