Electronic Components Datasheet Search
  English  ▼

X  

68HC05PL4 Datasheet(PDF) 90 Page - Freescale Semiconductor, Inc

Part # 68HC05PL4
Description  Industry standard 8-bit M68HC05 CPU core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05PL4 Datasheet(HTML) 90 Page - Freescale Semiconductor, Inc

Back Button 68HC05PL4 Datasheet HTML 86Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 87Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 88Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 89Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 90Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 91Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 92Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 93Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 94Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 98 page
background image
GENERAL RELEASE SPECIFICATION
April 30, 1998
MECHANICAL SPECIFICATIONS
MC68HC05PL4
14-2
REV 2.0
14.3
28-PIN SSOP
-D-
A
- T -
e
b
A1
N
1.00 DIA.
H
3
4
4
A 2
6
SIDE VIEW
END VIEW
TOP VIEW
SEATING
PLANE
-E-
1
2
3
SEE
DETAIL "A"
- C -
2.36
BOTTOM VIEW
E/2
D/2
1.00
1.00
DIA. PIN
7
8
P
I P
C
0.076
M
+E
M
0.20
S
D
0.12
M T E
+
b1
c
b
c1
BASE METAL
8
10
SECTION G-G
WITH LEAD FINISH
12-16°
PARTING LINE
DETAIL 'A'
5
L1
G
G
0.25 BSC
GAUGE PLANE
SEATING PLANE
L
0° MIN.
0.235 MIN
R
7.
6.
CONTROLLING DIMENSION: MILLIMETERS.
9.
1. MAXIMUM DIE THICKNESS ALLOWABLE IS 0.43mm (.017 INCHES).
ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.13mm TOTAL IN
DIMENSION b DOES NOT INCLUDE DAMBAR PROTRUSION/INTRUSION.
8.
ONE ANOTHER WITHIN 0.08mm AT SEATING PLANE.
5.
4.
3.
2.
FORMED LEADS SHALL BE PLANAR WITH RESPECT TO
TERMINAL POSITIONS ARE SHOWN FOR REFERENCE ONLY.
FOR SOLDERING TO A SUBSTRATE.
DIMENSION IS THE LENGTH OF TERMINAL
PROTRUSIONS SHALL NOT EXCEED 0.15mm PER SIDE.
AT THE PARTING LINE, MOLD FLASH OR
DO INCLUDE MOLD MISMATCH AND ARE MEASURED
INCLUDE MOLD FLASH OR PROTRUSIONS, BUT
"D" & "E" ARE REFERENCE DATUMS AND DO NOT
"T" IS A REFERENCE DATUM.
NOTES:
DIMENSIONING & TOLERANCES PER ANSI.Y14.5M-1982.
EXCESS OF b DIMENSION AT MAXIMUM MATERIAL CONDITION.
DAMBAR INTRUSION SHALL NOT REDUCE DIMENSION b BY MORE
THAN 0.07mm AT LEAST MATERIAL CONDITION.
10. THESE DIMENSIONS APPLY TO THE FLAT SECTION OF THE
LEAD BETWEEN 0.10 AND 0.25mm FROM LEAD TIPS.
THIS PACKAGE OUTLINE DRAWING COMPLIES WITH
JEDEC SPECIFICATION NO. MO-150 FOR THE LEAD COUNTS SHOWN
11.
8
0
DIMENSIONS IN MM
MIN.
MAX.
L
1
N
H
e
E
D
A
A
O
L
Y
M
B
S
NOM.
4
A 2
0.65 BSC
1.86
0.13
1.73
1.78
0.21
1.99
1.73
0.05
1.68
5.20
5.30
5.38
7.65
0.63
0.75
7.80
7.90
0.95
28
10.07
10.20
10.33
b
0.25
0.38
b1
0.25
0.30
0.33
c1
0.09
0.15
0.16
c
0.09
0.20
—
—
1.25 REF.
L1
O
N
E
T
6
4
4
5
10
8,10
10
10
R
0.09
0.15
.407
.402
.397
28
.037
.311
.307
.030
.025
.301
.212
.209
.205
.066
.002
.068
.078
.008
.070
.068
.005
.073
.0256 BSC
4
NOM.
MAX.
MIN.
DIMENSIONS IN INCH
08
.010
.015
.010
.012
.013
.004
.008
.004
.006
.006
—
—
.049 REF.
.004
.006
M
M
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com