Electronic Components Datasheet Search
  English  ▼

X  

68HC05PL4 Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # 68HC05PL4
Description  Industry standard 8-bit M68HC05 CPU core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05PL4 Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button 68HC05PL4 Datasheet HTML 22Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 23Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 24Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 25Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 26Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 27Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 28Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 29Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 98 page
background image
GENERAL RELEASE SPECIFICATION
April 30, 1998
INTERRUPTS
MC68HC05PL4
4-2
REV 2.0
NOTE
If more than one interrupt request is pending, the CPU fetches the vector of the
higher priority interrupt rst. A higher priority interrupt does not actually interrupt a
lower priority interrupt service routine unless the lower priority interrupt service
routine clears the I bit.
4.2
INTERRUPT PROCESSING
The CPU does the following actions to begin servicing an interrupt:
•
Stores the CPU registers on the stack in the order shown in
Figure 4-1
•
Sets the I bit in the condition code register to prevent further interrupts
•
Loads the program counter with the contents of the appropriate interrupt
vector locations as shown in Table 4-1
The return from interrupt (RTI) instruction causes the CPU to recover its register
contents from the stack as shown in Figure 4-1. The sequence of events caused
by an interrupt is shown in the o w chart in Figure 4-2
$0020
(Bottom of RAM)
$0021
$00BE
$00BF
$00C0
(Bottom of Stack)
$00C1
$00C2
Unstacking
Order
⇓
n
Condition Code Register
5
1
n+1
Accumulator
4
2
n+2
Index Register
3
3
n+3
Program Counter (High Byte)
2
4
n+4
Program Counter (Low Byte)
1
5
⇑
Stacking
$00FD
Order
$00FE
$00FF
Top of Stack (RAM)
Figure 4-1. Interrupt Stacking Order
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com