Electronic Components Datasheet Search
  English  ▼

X  

68HC05PL4 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 68HC05PL4
Description  Industry standard 8-bit M68HC05 CPU core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05PL4 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  68HC05PL4 Datasheet HTML 1Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 2Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 3Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 4Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 5Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 6Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 7Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 8Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 98 page
background image
April 30, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05PL4
REV 2.0
iii
TABLE OF CONTENTS
Section
Page
7.4
PORT C ........................................................................................................... 7-3
7.5
SUMMARY OF PORT A AND PORT B SHARED PINS.................................. 7-3
SECTION 8
SYSTEM CLOCKS
8.1
SYSTEM CLOCK SOURCE AND FREQUENCY OPTION.............................. 8-1
SECTION 9
16-BIT PROGRAMMABLE TIMER
9.1
TIMER REGISTERS (TMRH, TMRL)............................................................... 9-2
9.2
ALTERNATE COUNTER REGISTERS (ACRH, ACRL) .................................. 9-4
9.3
INPUT CAPTURE REGISTERS ...................................................................... 9-5
9.4
OUTPUT COMPARE REGISTERS ................................................................. 9-6
9.5
TIMER CONTROL REGISTER (TCR) ............................................................. 9-8
9.5.1
Miscellaneous Control and Status Register for Timer16 ............................. 9-9
9.6
TIMER STATUS REGISTER (TSR)............................................................... 9-10
9.7
16-BIT TIMER OPERATION DURING WAIT MODE..................................... 9-11
9.8
16-BIT TIMER OPERATION DURING STOP MODE .................................... 9-11
SECTION 10
8-BIT TIMER
10.1 OVERVIEW.................................................................................................... 10-1
10.2 TIMER8 CONTROL AND STATUS REGISTER (T8CSR)............................. 10-2
10.3 TIMER8 COUNTER REGISTER (T8CNTR) .................................................. 10-3
10.4 COMPUTER OPERATING PROPERLY (COP) WATCHDOG ...................... 10-3
10.5 8-BIT TIMER OPERATION DURING WAIT MODE....................................... 10-4
10.6 8-BIT TIMER OPERATION DURING STOP MODE ...................................... 10-4
SECTION 11
DIGITAL TO ANALOG CONVERTER
11.1 DAC CONTROL AND DATA REGISTER ...................................................... 11-1
11.2 DAC OPERATION DURING WAIT MODE .................................................... 11-1
11.3 DAC OPERATION DURING STOP MODE.................................................... 11-1
11.4 DAC CHARACTERISTICS ............................................................................ 11-2
SECTION 12
INSTRUCTION SET
12.1 ADDRESSING MODES ................................................................................. 12-1
12.1.1
Inherent...................................................................................................... 12-1
12.1.2
Immediate.................................................................................................. 12-1
12.1.3
Direct ......................................................................................................... 12-2
12.1.4
Extended.................................................................................................... 12-2
12.1.5
Indexed, No Offset..................................................................................... 12-2
12.1.6
Indexed, 8-Bit Offset.................................................................................. 12-2
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com