Electronic Components Datasheet Search
  English  ▼

X  

68HC05PL4 Datasheet(PDF) 66 Page - Freescale Semiconductor, Inc

Part # 68HC05PL4
Description  Industry standard 8-bit M68HC05 CPU core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05PL4 Datasheet(HTML) 66 Page - Freescale Semiconductor, Inc

Back Button 68HC05PL4 Datasheet HTML 62Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 63Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 64Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 65Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 66Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 67Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 68Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 69Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 70Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 98 page
background image
GENERAL RELEASE SPECIFICATION
April 30, 1998
8-BIT TIMER
MC68HC05PL4
10-4
REV 2.0
10.5
8-BIT TIMER OPERATION DURING WAIT MODE
The CPU clock halts during the WAIT mode, but the timer remains active. If the
interrupts are enabled, the timer interrupt will cause the processor to exit the WAIT
mode.
10.6
8-BIT TIMER OPERATION DURING STOP MODE
The timer ceases counting in STOP mode. When STOP is exited by an external
interrupt or an external reset, the internal oscillator will resume its operation, fol-
lowed by internal processor stabilization delay. The timer is then cleared to zero
and resumes its operation.
NOTE
The T8IF bit in T8CSR will be set after MCU exit from STOP mode. To avoid
generation of the timer 8 interrupt when exiting STOP mode, it is recommended to
clear T8IE bit prior entering STOP mode. After exiting STOP mode T8IF bit must
be cleared before setting T8IE bit.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com