Electronic Components Datasheet Search
  English  ▼

X  

IP2369 Datasheet(PDF) 5 Page - Injoinic Technology Co.,Ltd.

Part # IP2369
Description  Supports multiple fast charging input and output protocols such as PD3.1, supports 2 to 6 series battery cells, integrates buck-boost power MOS, and has a maximum charge and discharge power of 45W.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP2369 Datasheet(HTML) 5 Page - Injoinic Technology Co.,Ltd.

  IP2369 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
IP2369
V1.21
http://www.injoinic.com/
5 / 26
Copyright © 2024, Injoinic Corp.
6 引脚定义
图
2
IP2369 引脚图
6.1 引脚说明
Pin Num
Pin Name
PIN 定义说明
1
VIO_P
VIO 端功率引脚
2
VIO_P
VIO 端功率引脚
3
GND
功率地
4
GND
功率地
5
GND
功率地
6
LX1
VIO 端电感连接引脚
7
LX1
VIO 端电感连接引脚



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com