Electronic Components Datasheet Search
  English  ▼

X  

IP2369 Datasheet(PDF) 10 Page - Injoinic Technology Co.,Ltd.

Part # IP2369
Description  Supports multiple fast charging input and output protocols such as PD3.1, supports 2 to 6 series battery cells, integrates buck-boost power MOS, and has a maximum charge and discharge power of 45W.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP2369 Datasheet(HTML) 10 Page - Injoinic Technology Co.,Ltd.

Back Button IP2369 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 13Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 14Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
IP2369
V1.21
http://www.injoinic.com/
10 / 26
Copyright © 2024, Injoinic Corp.
10 电气特性
除特别说明,
TA=25℃,L=4.7μH
参数
符号
测试条件
最小值
典型值
最大值
单位
充电系统
输入电压
VBUS
4.5
5/9/12/15/
20
25
V
输入过压电压
VBUS
上升电压
28.5
29
30
V
峰值电流
IL_PK
电感峰值限流
12
A
涓流充电电流
ITRKL
VVBUS=5V, VBAT<2.5V
30
50
70
mA
VVBUS=5V, 2.5V<=VBAT<VTRKL
100
200
300
mA
涓流截止电压
VTRKL
电池节数为
N,VTRGT 非 3.65V
N*2.9
N*3
N*3.1
V
电池节数为
N,VTRGT=3.65V
N*2.7
N*2.75
N*2.85
V
充电恒压电压
VCV
电池节数为
N,RVSET = 27KΩ
N*4.35
N*4.40
N*4.45
V
电池节数为
N,RVSET = 18KΩ
N*4.20
N*4.35
N*4.40
V
电池节数为
N,RVSET = 13KΩ
N*4.25
N*4.30
N*4.35
V
电池节数为
N,RVSET = 9.1KΩ
N*4.15
N*4.20
N*4.25
V
电池节数为
N,RVSET = 6.2KΩ
N*4.05
N*4.10
N*4.15
V
电池节数为
N,RVSET = 3.6KΩ
N*3.6
N*3.65
N*3.7
V
充电电流
ICHRG
VBUS=5V,输入电流
2.70
3.00
3.30
A
VBUS=9V,PD 快
充,
输入电流
PMAX=20W
2.00
2.22
2.44
A
PMAX>=27W
2.70
3.00
3.30
A
VBUS=9V,
非
PD 快充,
输入电流
PMAX>=20W
1.80
2.00
2.20
A
VBUS=12V , PD
快充,
输入电流
PMAX=20W
1.50
1.67
1.84
A
PMAX=27W
2.03
2.25
2.47
A
PMAX=30W
2.25
2.50
2.75
A
PMAX>=36W
2.70
3.00
3.30
A
VBUS=12V , 非
PD 快充,
输入电流
PMAX>=20W
1.35
1.50
1.65
A
VBUS =15V,PD
和非
PD,输入电
流
PMAX=20W
1.12
1.25
1.37
A
PMAX=27W
1.53
1.70
1.87
A
PMAX=30W
1.71
1.90
2.09
A
PMAX=36W
2.07
2.30
2.53
A
PMAX=45W
2.56
2.85
3.13
A
VBUS =20V,PD
快充和非
PD 快
PMAX=20W
0.85
0.95
1.04
A
PMAX=27W
1.15
1.28
1.40
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com