Electronic Components Datasheet Search
  English  ▼

X  

IP2369 Datasheet(PDF) 19 Page - Injoinic Technology Co.,Ltd.

Part # IP2369
Description  Supports multiple fast charging input and output protocols such as PD3.1, supports 2 to 6 series battery cells, integrates buck-boost power MOS, and has a maximum charge and discharge power of 45W.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP2369 Datasheet(HTML) 19 Page - Injoinic Technology Co.,Ltd.

Back Button IP2369 Datasheet HTML 15Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 16Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 17Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 18Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 19Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 20Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 21Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 22Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 23Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
IP2369
V1.21
http://www.injoinic.com/
19 / 26
Copyright © 2024, Injoinic Corp.
11.8 灯显功能
IP2369 支持 4、2、1 颗电量显示灯方案,连接方式如下。
图
9
4、2、1 LED 连接方式
4 灯的显示方式为:
正常充电时
电量
C(%)
D1
D2
D3
D4
充满
亮
亮
亮
亮
75%≤C
亮
亮
亮
0.5Hz 闪烁
50%≤C<75%
亮
亮
0.5Hz 闪烁
灭
25%≤C<50%
亮
0.5Hz 闪烁
灭
灭
C<25%
0.5Hz 闪烁
灭
灭
灭
正常放电时
电量
C(%)
D1
D2
D3
D4
75%≤C
亮
亮
亮
亮
50%≤C<75%
亮
亮
亮
灭
25%≤C<50%
亮
亮
灭
灭



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com