Electronic Components Datasheet Search
  English  ▼

X  

IP2369 Datasheet(PDF) 11 Page - Injoinic Technology Co.,Ltd.

Part # IP2369
Description  Supports multiple fast charging input and output protocols such as PD3.1, supports 2 to 6 series battery cells, integrates buck-boost power MOS, and has a maximum charge and discharge power of 45W.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP2369 Datasheet(HTML) 11 Page - Injoinic Technology Co.,Ltd.

Back Button IP2369 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 13Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 14Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 15Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
IP2369
V1.21
http://www.injoinic.com/
11 / 26
Copyright © 2024, Injoinic Corp.
充,输入电流
PMAX=30W
1.28
1.43
1.57
A
PMAX=36W
1.53
1.70
1.87
A
PMAX=45W
1.92
2.14
2.35
A
充电停充电流
ISTOP
100
mA
再充电阈值
VRCH
电池节数为
N
VTRGT –
N*0.1
V
充电截止时间
TEND
48
Hour
放电系统
电池工作电压
VBAT
电池节数为
N
N*2.70
N*4.45
V
开关工作电池
输入电流
IBAT
VBAT=6*3.7V,
VOUT=5.0V,
fs=250kHz, Iout=0mA
12
mA
DC 输出电压
QC2.0
VOUT
VOUT=5V@1A
4.75
5.00
5.25
V
VOUT=9V@1A
8.70
9
9.30
V
VOUT=12V@1A
11.60
12
12.40
V
QC3.0/
QC3+
VOUT
@1A
3.6
12
V
QC3.0
Step
200
mV
QC3+
Step
20
mV
输出电压纹波
ΔVOUT
VBAT=4*3.7V,
VOUT=5.0V,
fs=250KHz, Iout=1A
85
mV
VBAT=4*3.7V,
VOUT=9.0V
,
fs=250KHz, Iout=1A
100
mV
VBAT=4*3.7V,
VOUT=12V,fs=250KHz, Iout=1A
100
mV
VBAT=4*3.7V,
VOUT=15V,fs=250KHz, Iout=1A
120
mV
VBAT=4*3.7V,
VOUT=20V,fs=250KHz, Iout=1A
200
mV
放电系统最大
输出功率
Pmax
PD 协议下
45
W
放电系统效率
ηout
VBAT=2*3.0V, VOUT=20V,
IOUT=1.5A
92.0
%
VBAT=4*3.0V, VOUT=20V,
IOUT=2.25A
95.0
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com